Electronic Components Datasheet Search
  English  ▼

X  

VGS-75B Datasheet(PDF) 4 Page - CUI INC

Part # VGS-75B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-75B Datasheet(HTML) 4 Page - CUI INC

  VGS-75B Datasheet HTML 1Page - CUI INC VGS-75B Datasheet HTML 2Page - CUI INC VGS-75B Datasheet HTML 3Page - CUI INC VGS-75B Datasheet HTML 4Page - CUI INC VGS-75B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date 01/25/2021
│ page 4 of 5
CUI Inc
│ SERIES: VGS-75B │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
129 x 97.5 x 30
mm
weight
300
g
cooling
natural convection
input/output connector
screw terminals accept 22~12 AWG wire, 1.2 N-m torque
MECHANICAL DRAWING
Input/Output Connector
PIN
Function
1
AC(L)
2
AC(N)
3
FG
4
-V
5
-V
6
+V
7
+V
units: mm
tolerance: ±0.3 mm
V
-
V
-
)
L
(
C
A
)
N
(
C
A
)
G
F
(
V
+
V
+
m
ir
T
T
O
P
I/P & O/P Connector
MOUNTING SCREWS
Screw Size Max Depth
Torque
M3X0.5
4 mm
<0.75 N-m
M4X0.7
4 mm
<0.8 N-m
MOUNTING ORIENTATION
Note:
1. Parts should not be mounted in an
upside down orientation.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com