Electronic Components Datasheet Search
  English  ▼

X  

VGS-75B Datasheet(PDF) 1 Page - CUI INC

Part # VGS-75B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-75B Datasheet(HTML) 1 Page - CUI INC

  VGS-75B Datasheet HTML 1Page - CUI INC VGS-75B Datasheet HTML 2Page - CUI INC VGS-75B Datasheet HTML 3Page - CUI INC VGS-75B Datasheet HTML 4Page - CUI INC VGS-75B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 01/25/2021
page 1 of 5
SERIES: VGS-75B
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VGS-75B-12
12
6.3
75.6
100
85
VGS-75B-24
24
3.2
76.8
150
88
VGS-75B-30
30
2.5
75
150
88
VGS-75B-48
48
1.6
76.8
200
88
Notes:
1. 20 MHz bandwidth oscilloscope, 12” of twisted load cables paralleled with 0.1 µF ceramic and 47 µF electrolytic capacitors placed across the terminals at the load.
2. At 230 Vac, 50 Hz, full load.
3. All specifications are measured at Ta=25°C, nominal input voltage, and rated output load unless otherwise specified.
FEATURES
• +70°C operation
• output trim
• current/voltage/temperature protections
• screw terminal interface
• low standby power consumption
• 30 mm height
PART NUMBER KEY
Base Number
VGS-75B - XX
Output Voltage
Additional Resources: Product Page | 3D Model


Similar Part No. - VGS-75B

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGS-75B CUI-VGS-75B Datasheet
677Kb / 5P
AC-DC POWER SUPPLY
VGS-75B-12 CUI-VGS-75B-12 Datasheet
677Kb / 5P
AC-DC POWER SUPPLY
VGS-75B-24 CUI-VGS-75B-24 Datasheet
677Kb / 5P
AC-DC POWER SUPPLY
VGS-75B-30 CUI-VGS-75B-30 Datasheet
677Kb / 5P
AC-DC POWER SUPPLY
VGS-75B-48 CUI-VGS-75B-48 Datasheet
677Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - VGS-75B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com