Electronic Components Datasheet Search
  English  ▼

X  

PJ2950ACT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PJ2950ACT
Description  150mA Low Dropout Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ2950ACT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PJ2950ACT Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PJ2950/PJ2951
150mA Low Dropout Voltage Regulators
7-7
2002/01.rev.A
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
0°
7°
0°
7°
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com