Electronic Components Datasheet Search
  English  ▼

X  

PJ2950ACT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PJ2950ACT
Description  150mA Low Dropout Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ2950ACT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PJ2950ACT Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ2950ACT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PJ2950/PJ2951
150mA Low Dropout Voltage Regulators
1-7
2002/01.rev.A
he Semiconductor PJ2950 and PJ2951 are a low power
voltage regulato rs. These devices are ex cellent choi ce
fo r use
in battery-powered applications such as cordless
telephone, radio control systems, and portable computers.
The PJ2950 and PJ2951 features very low quiescent
current (75 μ A Typ.) and very low drop output voltage
(Typ. 40 μ V at light load and 380 mV at 100 mA).This
includes a tight initial tolerance o f 0.5% typ., extremely
good load and line regulation 0.05% typ. and very low
output temperature coeffi cient, making the PJ2950/PJ2951
useful
as
a low-power voltage reference.
Other key
additional feature o f this unregulated input voltage transient
of -20V below ground (reverse battery).
The error flag output feature is used as power-on reset
fo r warn o f a low output voltage , due to following batteries
on input. Other feature is the logic-compatible shutdown
input which enable the regulator to be switched on and off.
The PJ2950 is offered in 3-pin TO-92 package compatible
with other 5 volt regulators. The PJ2951 is available in 8-pin
plastic, SOP-8 package.
The regulator output voltage may be pin-strapped fo r a
5 & 3.3 volt of programmed from 1.24 volt to 29 volts with
external pai r o f resistors. Using of as design, processing and
testing techniques make our PJ2950 and PJ2951 superior
over similar products.
____________________________________________________________________________________________________
•
Output accuracy 5V & 3.3V, 150 mA output
•
Very low quiescent current
•
Low dropout voltage
•
Extremely tight load and line regulation
•
Very low temperature coefficient
•
Need only 1μF for stability
•
Unregulated DC input can withstand -20V reverse
battery and +60V positive transients
•
Direct replacem ent fo r PJ2950/PJ2951 sockets
•
Error Flag warns o f output dropout
•
Logic-Controlled electronic shutdown
•
Output programmable from 1.24 to 29V
•
Battery powered systems
•
Portable instrumentation
•
Avionics
•
Automotive Electronics
•
SMPS Post-Regulator
•
Voltage Reference
•
Portable/Palm top / Notebook computers
•
Portable consumer equipment
•
Radio control systems
•
Cordless telephones
Device
Operating Temperature
Packag e
P J2950ACT
PJ2950CT
PJ2950ACT-3.0
PJ2950CT-3.0
PJ2950ACT-3.3
PJ2950CT-3.3
TO-92
PJ2951ACS
PJ2951CS
PJ2951ACS-3.3
PJ2951CS-3.3
-20 ~ +85 ℃
SOP-8
T
FEATURES
APPLICATIONS
PJ2951 VERSIONS ONLY
TO-92
SOP-8
Pin
1. Output
5. Error
2. Sense
6. 5 Vtap
3. Shutdown
7. Feedback
4. Ground
8. Input
Pin 1. Output
2. Ground
3. Input
ORDERING INFO RMATION
PJ2950/2950A
PJ2951/2951A


Similar Part No. - PJ2950ACT

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJ20168 HAMMOND-PJ20168 Datasheet
160Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168H HAMMOND-PJ20168H Datasheet
169Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168HW HAMMOND-PJ20168HW Datasheet
171Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168HW HAMMOND-PJ20168HW Datasheet
143Kb / 3P
Boite de jonction en polyester de type 4X avec regard
PJ20168L HAMMOND-PJ20168L Datasheet
216Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - PJ2950ACT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
258Kb / 12P
150mA Low Dropout Voltage Regulators
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
150mA Low Dropout Voltage Regulators
CLM2950 CALOGIC-CLM2950 Datasheet
154Kb / 10P
150mA Low Dropout Voltage Regulators
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
150mA Low-Dropout Linear Regulators
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
150mA Low-Dropout Linear Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com