Electronic Components Datasheet Search
  English  ▼

X  

30KPA Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # 30KPA
Description  Axial Lead Transient Voltage Suppressors (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

30KPA Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  30KPA Datasheet HTML 1Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 2Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 3Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 4Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision December 25, 2017
3 / 5
@ SOCAY Electronics Corp., Ltd. 2017
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
30KPA Series
28 To 288 V
30000W
SOCAY Electronics Corp., Ltd.
www.socay.com
Figure 1 - Peak Pulse Power Rating Curve
Figure 3 - Pulse Waveform
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
Figure 2 - Pulse Derating Curve
Figure 6 - Maximum Non-Repetitive Surge Current
150
100
50
0
tr=10µsec
Peak Value
IPPM
Half Value
IPPM (IPPM/2)
tc
10/1000µsec. Waveform
as defined by R.E.A
0
1.0
2.0
3.0
4.0
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
t - Time (ms)
td - Pulse Width (μs)
1000
0.1
10
0.1
10
100
1000
100
5.0
0
25
50
75
100
125
150
175
200
4.0
3.0
2.0
1.0
0.0
TL - Lead Temperature(°C)
6.0
7.0
8.0
0
25
50
75
100
125 150 175 200
100
80
60
40
20
0
TA-Ambient temperature(°C)
Number of Cycles at 60Hz
1
10
100
350
300
250
200
500
450
400
TJ=TJ max.
8.3 ms Single Half Sine-Wave
1000000
0
50
100
150
200
250
300
350
100
1
VBR-Reverse Breakdown Voltage (V)
10000
Tj=25°C
f=1.0MHz
Vsig=50mVp-p
Bi-directional
@zero bins
Uni-directional
@zero bins
Uni-directional @VRWM
Bi-directional @VRWM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com