Electronic Components Datasheet Search
  English  ▼

X  

30KPA Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # 30KPA
Description  Axial Lead Transient Voltage Suppressors (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

30KPA Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  30KPA Datasheet HTML 1Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 2Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 3Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 4Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision December 25, 2017
5 / 5
@ SOCAY Electronics Corp., Ltd. 2017
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
30KPA Series
28 To 288 V
30000W
SOCAY Electronics Corp., Ltd.
www.socay.com
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
1.000
-
25.40
-
B
0.340
0.360
8.64
9.14
C
0.048
0.052
1.22
1.32
D
0.340
0.360
8.64
9.14
Part Number
Component Package
Quantity
Packaging
Option
30KPAXXXXX
R6/P600
250 pcs
Box
3 0 K P A × × × C A
5% VBR VOLTAGE TOLERANCE
BI-DIRECTIONAL
VR VOLTAGE
SERIES
Dimensions
Part Marking
Packaging
Packaging Dimensions Unit: Inches (Millimeters)
Part Numbering
R6/P600
Cathode Band
2.56
(65.00)
0.40±0.020
(10.16±0.508)
0.25
(6.35)
Socay Logo
Product Type
Cathode Band
30KPXXX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com