Electronic Components Datasheet Search
  English  ▼

X  

PBO-1 Datasheet(PDF) 2 Page - CUI INC

Part # PBO-1
Description  AC-DC POWER SUPPLY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-1 Datasheet(HTML) 2 Page - CUI INC

  PBO-1 Datasheet HTML 1Page - CUI INC PBO-1 Datasheet HTML 2Page - CUI INC PBO-1 Datasheet HTML 3Page - CUI INC PBO-1 Datasheet HTML 4Page - CUI INC PBO-1 Datasheet HTML 5Page - CUI INC PBO-1 Datasheet HTML 6Page - CUI INC PBO-1 Datasheet HTML 7Page - CUI INC PBO-1 Datasheet HTML 8Page - CUI INC PBO-1 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
cui.com
date 01/18/2022
│ page 2 of 13
CUI Inc
│ SERIES: PBO-1 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
70
305
430
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 277 Vac
0.12
0.06
A
A
inrush current
at 115 Vac
at 277 Vac
9
15
A
A
no load power consumption
24 Vdc output models
all other models
0.3
0.25
W
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5 Vdc output models
all other models
220
100
µF
µF
initial set point accuracy
5 Vdc output models
all other models
±8
±5
%
%
line regulation
at full load
±1.5
%
load regulation
from 5~100% load
24 Vdc output models
all other models
±6
±3
%
%
hold-up time
at 230 Vac
150
180
ms
switching frequency
100
kHz
temperature coefficient
±0.15
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over current protection
auto recovery
110
500
%
short circuit protection
continuous, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
3,000
Vac
safety approvals
certified to 62368: IEC/EN
certified to 60950: UL/cUL
safety class
Class II
conducted emissions
CISPR32/EN55032, Class A (recommended circuit 1,2,6)
CISPR32/EN55032, Class B (recommedned circuit 3,4,5)
radiated emissions
CISPR32/EN55032, Class A (recommended circuit 1,2,6)
CISPR32/EN55032, Class B (recommended circuit 3,4,5)
ESD
IEC/EN61000-4-2, contact ±4 kV, perf. Criteria B
radiated immunity
IEC/EN61000-4-3, 10V/m, perf. Criteria A
EFT/burst
IEC/EN61000-4-4, ±2 kV, (recommended circuit 1,2,3), perf. Criteria B
IEC/EN61000-4-4, ±4 kV, (recommended circuit 4,5,6), perf. Criteria B
surge
IEC/EN61000-4-5, line to line ±1 kV, Class B (recommended circuit 1,2), perf. Criteria B
IEC/EN61000-4-5, line to line ±2 kV (recommended circuit 6), perf. Criteria B
IEC/EN61000-4-5, line to line ±1 kV/line to ground ±2 kV (recommended circuit 3) perf. Criteria B
IEC/EN61000-4-5, line to line ±2 kV/line to ground ±4 kV (recommended circuit 4,5) perf. Criteria B
conducted immunity
IEC/EN61000-4-6 Class A, 10 Vr.m.s, perf. Criteria A
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com