Electronic Components Datasheet Search
  English  ▼

X  

PBO-1 Datasheet(PDF) 7 Page - CUI INC

Part # PBO-1
Description  AC-DC POWER SUPPLY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-1 Datasheet(HTML) 7 Page - CUI INC

Back Button PBO-1 Datasheet HTML 3Page - CUI INC PBO-1 Datasheet HTML 4Page - CUI INC PBO-1 Datasheet HTML 5Page - CUI INC PBO-1 Datasheet HTML 6Page - CUI INC PBO-1 Datasheet HTML 7Page - CUI INC PBO-1 Datasheet HTML 8Page - CUI INC PBO-1 Datasheet HTML 9Page - CUI INC PBO-1 Datasheet HTML 10Page - CUI INC PBO-1 Datasheet HTML 11Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
cui.com
date 01/18/2022
│ page 7 of 13
CUI Inc
│ SERIES: PBO-1 │ DESCRIPTION: AC-DC POWER SUPPLY
APPLICATION DESIGN REFERENCE
PBO-1 series additional circuits design reference
Immunity design circuits for reference
Emissions design circuits for reference
Class III
Class IV
Class A
Class B
PBO-1 Series additional component selection guide
Part no.
FUSE
(required)
C1
(required)
C2
(required)
L1
(required)
C3
(required)
C4
CY1
(required)
TVS
PBO-1-S5
1A/300V
4.7µF/450V
(-20°C~85°C)
10µF/450V
(-40°C~85°C)
270µF/16V
(solid-state
capacitor)
2.2µH
(max 60mΩ)
68µF/35V
0.1µF/50V
1.0nF/400 Vac
SMBJ7.0A
PBO-1-S9
100µF/16V
(solid-state
capacitor)
SMBJ12A
PBO-1-S12
SMBJ20A
PBO-1-S15
100µF/35V
SMBJ20A
PBO-1-S24
SMBJ30A
Note: 1. C1: Input capacitors, C2: output storage capacitors, must be connected externally.
2. It is recommended using an electrolytic capacitor with high frequency and low ESR rating for C3. Combined with C2, L1, they form a pí-type filter circuit.
Choose a capacitor voltage rating with at least 20% margin, in other words not exceeding 80%. C4 is a ceramic capacitor, used for filtering high frequency noise.
A suppressor diode (TVS) is a recomended to protect the application in case of a converter failure and specification should be 1.2 times of the output voltage.
PBO-1 Series Enviromental and EMC selection guide
Recommended
circuit
Application
enviromental
Typical industry
Input voltage
range
Enviroment
temperature
Emissions
Immunity
1/2
Basic application
None
85 ~ 305 Vac
-40° ~ 88°C
Class A
Class III
3
Indoor civil
enviroment
Smart home /
Home appliances
(2Y)
-25° ~ 55°C
Class B
Class III
Indoor general
enviroment
Intelligent building /
Intelligent agriculture
4/5
Indoor industrial
enviroment
Manufacturing workshop
-25° ~ 55°C
Class B
Class IV
6
Oudoor general
enviroment
ITS / Video monitoring /
Charging point / Communica-
tion / Securitiy and protection
-40° ~ 85°C
Class A
Class IV
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com