Electronic Components Datasheet Search
  English  ▼

X  

VGS-200C Datasheet(PDF) 2 Page - CUI INC

Part # VGS-200C
Description  AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-200C Datasheet(HTML) 2 Page - CUI INC

  VGS-200C Datasheet HTML 1Page - CUI INC VGS-200C Datasheet HTML 2Page - CUI INC VGS-200C Datasheet HTML 3Page - CUI INC VGS-200C Datasheet HTML 4Page - CUI INC VGS-200C Datasheet HTML 5Page - CUI INC VGS-200C Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 01/31/2022
│ page 2 of 6
CUI Inc
│ SERIES: VGS-200C │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage range
ac input, low voltage (switch in position of 115)
ac input, high voltage (switch in position of 230)
dc input, (switch in position of 230)
90
180
240
132
264
373
Vac
Vac
Vdc
frequency range
47
63
Hz
current
at 115 Vac
at 230 Vac
5
3
A
A
inrush current
at 115 Vac, cold start
at 230 Vac, cold start
60
60
A
A
no load power consumption
at 230 Vac, 25 °C
0.75
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5 V model
12 V model
15 V model
24 V model
36 V model
48 V model
10,000
4,000
3,300
1,500
1,500
470
μF
μF
μF
μF
μF
μF
initial set point acuracy
5 V model, full load range
12 V model, full load range
all other models, full load range
±3
±1.5
±1
%
%
%
line regulation
rated load
±0.5
%
load regulation
5 V model, 0~100% load
12 V model, 0~100% load
all other models, 0~100% load
±2
±1
±0.5
%
%
%
switching frequency
65
kHz
hold-up time
at 115 Vac
at 230 Vac
12
16
ms
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over current protection
auto recovery
110
185
%
over voltage protection
5 V model, output shut down, latching
12 V model, output shut down, latching
15 V model, output shut down, latching
24 V model, output shut down, latching
36 V model, output shut down, latching
48 V model, output shut down, latching
8.0
18.0
22.0
33.6
46.8
60.0
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
short circuit protection
continuous, auto recovery, hiccup
over temperature protection
latching
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, 1 min, <10 mA
input to ground, 1 min, <10 mA
output to ground, 1 min, <5 mA
3,000
2,000
500
Vac
Vac
Vac
safety approvals
certified to
62368: IEC/EN/UL
designed to meet 60335: IEC/EN
designed to meet 61558: IEC/EN
designed to meet 4943: GB
conducted emissions
CISPR32/EN55032 CLASS A
radiated emissions
CISPR32/EN55032 CLASS A
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com