Electronic Components Datasheet Search
  English  ▼

X  

VGS-200C Datasheet(PDF) 1 Page - CUI INC

Part # VGS-200C
Description  AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-200C Datasheet(HTML) 1 Page - CUI INC

  VGS-200C Datasheet HTML 1Page - CUI INC VGS-200C Datasheet HTML 2Page - CUI INC VGS-200C Datasheet HTML 3Page - CUI INC VGS-200C Datasheet HTML 4Page - CUI INC VGS-200C Datasheet HTML 5Page - CUI INC VGS-200C Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 01/31/2022
page 1 of 6
SERIES: VGS-200C
│ DESCRIPTION: AC-DC POWER SUPPLY
FEATURES
• UL/EN/IEC 62368 certified
• designed to meet IEC/EN 61558, IEC/EN 60335, and GB4943 system requirements
• short-circuit, over-current, over-voltage, over-temperature protections
• output adjustable via trimpot +/- 10%
RoHS
MODEL
output
voltage
output
current
output power
ripple
and noise�
efficiency2
typ
(Vdc)
range
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VGS-200C-5
5
4.5~5.5
30.0
150.0
150
87.0
VGS-200C-12
12
10.2~13.8
17.0
204.0
150
87.5
VGS-200C-15
15
13.5~18.0
14.0
210.0
150
88.0
VGS-200C-24
24
21.6~28.8
8.8
211.2
150
88.5
VGS-200C-36
36
32.4~39.6
5.9
212.4
200
89.0
VGS-200C-48
48
43.2~52.8
4.4
211.2
200
89.5
Notes:
1. Ripple and noise are measured at 20 MHz BW with 47 uF aluminum electrolytic capacitor and 0.1 uF ceramic capacitor on the output.
2. Measured at 230 Vac.
PART NUMBER KEY
VGS-200C - XX - X
Base Number
Output Voltage
A - with terminal cover
B - with conformal coating
Additional Resources: Product Page | 3D Model


Similar Part No. - VGS-200C

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGS-200B CUI-VGS-200B Datasheet
807Kb / 5P
AC-DC POWER SUPPLY
VGS-200B CUI-VGS-200B Datasheet
963Kb / 5P
AC-DC POWER SUPPLY
06/10/2021
VGS-200B-12 CUI-VGS-200B-12 Datasheet
807Kb / 5P
AC-DC POWER SUPPLY
VGS-200B-12 CUI-VGS-200B-12 Datasheet
963Kb / 5P
AC-DC POWER SUPPLY
06/10/2021
VGS-200B-24 CUI-VGS-200B-24 Datasheet
807Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - VGS-200C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com