Electronic Components Datasheet Search
  English  ▼

X  

VGS-150W Datasheet(PDF) 3 Page - CUI INC

Part # VGS-150W
Description  INTERNAL AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-150W Datasheet(HTML) 3 Page - CUI INC

  VGS-150W Datasheet HTML 1Page - CUI INC VGS-150W Datasheet HTML 2Page - CUI INC VGS-150W Datasheet HTML 3Page - CUI INC VGS-150W Datasheet HTML 4Page - CUI INC VGS-150W Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 12/09/2021
│ page 3 of 5
CUI Inc
│ SERIES: VGS-150W │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
159.00 x 97.00 x 30.00 mm
inch
weight
12V, 15V models
24V, 36V, 48V models
430
410
g
g
cooling
free air convection
case material
metal (AL1100, SGCC)
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
Function
1
AC(L)
2
AC(N)
3
4
-Vo
5
-Vo
6
+Vo
7
+Vo
units: mm
tolerance: ±1 [±0.039]
SAFETY & COMPLIANCE
conducted immunity
IEC/EN 61000-4-6 10 Vr.m.s perf. criteria A
voltage dips and interuption
IEC/EN 61000-4-11 0%, 70% perf. criteria B
MTBF
as per MIL-HDBK-217F at 25°C
300,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-30
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
10
95
%
wire range: 22-12 AWG
connector tightening torque: M3.5, 0.8N·m
Position
Screw
spec.
L (max)
Torque
(max)
2 - 4
M3
5 mm
0.4 N·m
7 - 8
M3
3 mm
0.4 N·m
Note: At least one hole position, 1 ~ 9, must be
securely connected to Protective Earth (PE)
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com