Electronic Components Datasheet Search
  English  ▼

X  

VGS-150W Datasheet(PDF) 1 Page - CUI INC

Part # VGS-150W
Description  INTERNAL AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-150W Datasheet(HTML) 1 Page - CUI INC

  VGS-150W Datasheet HTML 1Page - CUI INC VGS-150W Datasheet HTML 2Page - CUI INC VGS-150W Datasheet HTML 3Page - CUI INC VGS-150W Datasheet HTML 4Page - CUI INC VGS-150W Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 12/09/2021
page 1 of 5
SERIES: VGS-150W
│ DESCRIPTION: INTERNAL AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency²
(Vdc)
max
(A)
max
(W)
typ
(mVp-p)
typ
(%)
VGS-150W-12
12
12.5
150
150
86
VGS-150W-15
15
10.0
150
150
87
VGS-150W-24
24
6.5
156
200
88
VGS-150W-36
36
4.3
154
200
88
VGS-150W-48
48
3.3
158
200
89
Notes:
1. Ripple & noise are measured at 20 MHz BW with 47 µF aluminum electrolytic capacitor and 0.1 µF ceramic capacitor on the output.
2. Measured at 230 Vac.
FEATURES
• wide input range (85 ~ 305 VAC)
• available with conformal coating or terminal cover options
• UL/EN/IEC 62368 certified
• designed to meet IEC/EN 61558 and IEC/EN 60335 system requirements
• short-circuit, over-current, over-voltage protections
• CISPR/EN55032 Class B radiated/conducted emissions
PART NUMBER KEY
Base Number
VGS-150W - XX - X
Output Voltage
A - with terminal cover
B - with conformal coating
Additional Resources: Product Page | 3D Model


Similar Part No. - VGS-150W

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGS-150W CUI-VGS-150W Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
VGS-150W-12 CUI-VGS-150W-12 Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
VGS-150W-15 CUI-VGS-150W-15 Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
VGS-150W-24 CUI-VGS-150W-24 Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
VGS-150W-36 CUI-VGS-150W-36 Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
More results

Similar Description - VGS-150W

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSK-15W CUI-PSK-15W Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PSK-45 CUI-PSK-45 Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PBO-5C CUI-PBO-5C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-10C CUI-PBO-10C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-3D CUI-PSK-3D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-15C CUI-PBO-15C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/24/2022
PBO-10C CUI-PBO-10C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/21/2022
VGS-150C CUI-VGS-150C Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
02/02/2022
VGS-75C CUI-VGS-75C Datasheet
757Kb / 6P
INTERNAL AC-DC POWER SUPPLY
09/28/2020
VGS-600 CUI-VGS-600 Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
09/09/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com