Electronic Components Datasheet Search
  English  ▼

X  

LTC4215 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4215
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4215 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4215 Datasheet HTML 9Page - Analog Devices LTC4215 Datasheet HTML 10Page - Analog Devices LTC4215 Datasheet HTML 11Page - Analog Devices LTC4215 Datasheet HTML 12Page - Analog Devices LTC4215 Datasheet HTML 13Page - Analog Devices LTC4215 Datasheet HTML 14Page - Analog Devices LTC4215 Datasheet HTML 15Page - Analog Devices LTC4215 Datasheet HTML 16Page - Analog Devices LTC4215 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT4239
13
Rev. 0
For more information www.analog.com
amplifier regulates the gate of the MOSFET to maintain
the ACL threshold across the sense resistor. At this point,
an internal fault timer runs for 100µs until it times out.
The MOSFET is turned off with GATE2 pulled to OUT by
50mA, and the FLT pin also pulls low.
In the event of a severe short-circuit fault on the 12V
output after power good, the output current can rapidly
surge. If the fast comparator threshold ∆VSENSE2(FAST)
(40mV) is exceeded, the LT4239 responds within 1µs to
bring the current under control by pulling GATE2 to OUT
without latching off the fault. If the OUT voltage falls below
3.7V, GATE2 will also be pulled down to OUT quickly to
turn off the MOSFET and the fault is latched-off with the
FLT pin pulling low. All the overcurrent faults will activate
the cool-off cycle for the MOSFETs to cool down before
the output can be restarted.
The waveforms in Figure 3 show how the output turns off
following an overcurrent fault after power good.
2ms/DIV
CBTMR
1V/DIV
4239 F03
∆VGATE2
10V/DIV
ILOAD
100A/DIV
VOUT
10V/DIV
Figure 3. Overcurrent Fault After Power Good
Undervoltage Fault
The UV pin functions as a turn-on control and input sup-
ply monitor. A resistive divider connected between the
supply input and GND at the UV pin monitors the supply
for an undervoltage condition. The undervoltage thresh-
old is set by proper selection of the resistors at the UV
rising threshold voltage (1.232V). For Figure 1, if R1 = 2k,
R2 = 13.7k, the input supply undervoltage threshold is
set to 9.7V.
An undervoltage fault occurs if the input supply falls
below its undervoltage threshold. If the UV pin voltage
falls below 1.182V for longer than 270µs but remains
above 0.6V, the MOSFETs are turned off by a 10mA
pull-down current from both GATE1 and GATE2 to OUT.
However, if the UV pin voltage drops below 0.6V, it turns
off the MOSFETs and clears the fault latch. The GATE1
can start up again only after a debounce delay when the
input supply is restored above its undervoltage threshold.
During the undervoltage fault condition, FLT will not be
pulled low, but PG will be pulled low as both GATE pins
are pulled low.
FET-Bad Fault
In a Hot Swap application, several possible faults can
prevent the MOSFETs from turning on and reaching a low
impedance state. A damaged MOSFET may have leakage
from gate to drain or have degraded RDS(ON). Debris on
the board may also produce leakage or a short-circuit from
the MOSFET’s gate to the source, the drain, or to ground.
Under these conditions, the LT4239 may not be able
to pull the GATE pins high enough to fully enhance the
MOSFETs. If GATE1 or GATE2 voltage fail to reach their
10V thresholds above OUT when the STMR voltage
reaches its 1.232V threshold, a start-up fault condition is
generated. FLT pin will be pulled low, and the GATE pins
are pulled down to OUT with a 10mA current source. A
start-up fault will not activate the 512 timing cycles at
CBTMR pin for MOSFET cool-off.
If FET-Bad conditions occur after the load is turned on, the
MOSFET M2 may not reach the intended RDS(ON) when the
GATE2 drive is fully enhanced. This can put the MOSFET
in a condition where the power in the MOSFET is higher
than its continuous power capability, even though the
current is below the current limit. The LT4239 monitors
the integrity of the MOSFET M2 in two ways, and acts on
them in the same manner.
First, the LT4239 monitors the voltage between the
MOSFET’s drain and the OUTK pin that include the sense
resistor drop. A bad M2 MOSFET’s Drain-to-Source
voltage is detected if the voltage is greater than the 100mV
FET-Bad fault threshold.
Second, the LT4239 monitors the GATE2 voltage. A dam-
aged MOSFET may cause the GATE2 voltage to fall due to
a resistive short from the gate to either the source or drain
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com