Electronic Components Datasheet Search
  English  ▼

X  

LTC4215 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4215
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4215 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4215 Datasheet HTML 16Page - Analog Devices LTC4215 Datasheet HTML 17Page - Analog Devices LTC4215 Datasheet HTML 18Page - Analog Devices LTC4215 Datasheet HTML 19Page - Analog Devices LTC4215 Datasheet HTML 20Page - Analog Devices LTC4215 Datasheet HTML 21Page - Analog Devices LTC4215 Datasheet HTML 22Page - Analog Devices LTC4215 Datasheet HTML 23Page - Analog Devices LTC4215 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT4239
21
Rev. 0
For more information www.analog.com
M1
M2
RDRAIN
100k
C1
1µF
RS1
10m
RS2
0.5m
CG1
22nF
RG1
1k
CST
2.2µF
R1
2k
R4
10
R3
10
RVCC
1k
R2
13.7k
CLOAD
4700 F
SENSE1 SENSE2
GATE1
DRAIN
STMR
UV
CBTMR
OUT
OUTK
GATE2
PG
FLT
LT4239
GND
IBOOST
IMON
12V
30A
R10
1
R11
1
VCC
RS3
0.5m
R12
1
R13
1
R5
10
M3
+
C2
0.1µF
CFT
47nF
4239 F10
ADC
Z1: SMCJ33A
M2, M3: PSMNR60-25YLH
M1: PSMN6R1-30YLD
R6
10k
POWER GOOD
Z1
12V
R7
10k
12V
GND
BACKPLANE PLUG-IN
BOARD
Figure 10. 12V, 30A Card Resident Application
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com