Electronic Components Datasheet Search
  English  ▼

X  

LTC2941 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2941
Description  Ultra-Low Power Battery Gas Gauge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2941 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2941 Datasheet HTML 5Page - Analog Devices LTC2941 Datasheet HTML 6Page - Analog Devices LTC2941 Datasheet HTML 7Page - Analog Devices LTC2941 Datasheet HTML 8Page - Analog Devices LTC2941 Datasheet HTML 9Page - Analog Devices LTC2941 Datasheet HTML 10Page - Analog Devices LTC2941 Datasheet HTML 11Page - Analog Devices LTC2941 Datasheet HTML 12Page - Analog Devices LTC2941 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC2959
9
Rev. 0
For more information www.analog.com
OPERATION
the instantaneous current through the sense resistor, the
temperature of the chip, as well as the voltage on the
GPIO pin.
ADC conversions can be triggered in a one-shot, periodi-
cal or continuous manner, as set by programming the ADC
control register via the I2C interface. Each ADC conversion
takes about 400µs to complete.
Initiating a single-shot conversion sequence will cause
the ADC to execute the following sequence:
1) 400μs ADC startup
2) 400μs voltage conversion
3) 400μs current conversion
4) 400μs temperature conversion
5) 400µs GPIO conversion (optional)
6) ADC power down
Afterwards, all data is available in the corresponding reg-
isters. To include the GPIO channel into the ADC measure-
ments, set register B[4:3] appropriately and configure its
full-scale range using B[3].
By default, the ADC operates in sleep mode, in which no
conversions are performed. The ADC can also be operated
in smart sleep mode, in which the ADC converts voltage,
current, temperature (and GPIO) once every 52 seconds.
The threshold and min/max registers are also updated,
and alerts will trigger appropriately when the LTC2959 is
configured as such.
The ADC can also be configured to continuously convert
voltage or current, or voltage and current alternatively. In
a continuous mode, the ADC startup time sequence step
only takes place at the very beginning of ADC operation.
Measuring a single quantity continuously leads to a sam-
pling rate of 2.5kS/s.
Voltage ADC Input Range
The accuracy of the ADC Voltage channel is only guaran-
teed for input voltages between 1.8V and 60V.
Power-Up Sequence
When VDD rises above a threshold of approximately
1.45V, the LTC2959 generates an internal power-on reset
(POR) signal that sets all registers to their default state. In
the default state, the coulomb counter is active while the
multi-purpose ADC operates in sleep mode. The accumu-
lated charge register is set to mid-scale (80000000h) and
all ADC channel outputs are set to 0000h. All threshold
registers and the min-max tracking registers are set to
their default values. The min/max tracking registers of the
ADC will update upon completion of the first ADC con-
version. The GPIO pin is configured as an analog input;
the ALERT and Charge Complete functionalities are not
enabled at startup.
Preventing Violation of Absolute Maximum Ratings
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the supply
bypass capacitor of LTC2959. However, these capacitors
can cause problems if the LTC2959 is plugged into a live
supply close to its maximum voltage of 65V. The low-
loss ceramic capacitor, combined with stray inductance
in series with the power source, forms an underdamped
tank circuit, and the voltage at the VDD pin or the SENSE
pins of the LTC2959 can ring several tens of volts, pos-
sibly exceeding the LTC2959 rating and damaging the
part. This can be prevented by adding a transient voltage
suppression diode to the appropriate pin.
Additionally, when operating at high VDD or SENSE volt-
ages (>20V), care should be taken not to pull the digital
communication pins SCL, SDA and GPIO below their
absolute minimum operating voltage of –0.3V. This
may occur, for example, due to differences between the
local GND and the GND of the connected microcontrol-
ler. This will increase the supply current, and the asso-
ciated increase in power dissipation might damage the
part. This can be prevented by adding Schottky diodes to
these communication lines, connecting the anodes to the
LTC2959 GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com