Electronic Components Datasheet Search
  English  ▼

X  

LTC2941 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC2941
Description  Ultra-Low Power Battery Gas Gauge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2941 Datasheet(HTML) 3 Page - Analog Devices

  LTC2941 Datasheet HTML 1Page - Analog Devices LTC2941 Datasheet HTML 2Page - Analog Devices LTC2941 Datasheet HTML 3Page - Analog Devices LTC2941 Datasheet HTML 4Page - Analog Devices LTC2941 Datasheet HTML 5Page - Analog Devices LTC2941 Datasheet HTML 6Page - Analog Devices LTC2941 Datasheet HTML 7Page - Analog Devices LTC2941 Datasheet HTML 8Page - Analog Devices LTC2941 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC2959
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Measurement ADC
VFS
Full-Scale Voltage Conversion
62.6
V
∆VLSB
Quantization Step Size
1 LSB at 16-Bit Resolution
0.955
mV
GAINVDD
Gain Error, VDD Channel
1.8V ≤ VDD ≤ 60V
l
±1.0
%
GAINSENSEN Gain Error, SENSEN Channel
1.8V ≤ SENSEN ≤ 60V
l
±1.0
%
INLV
Integral Nonlinearity
l
±2
±16
LSB
tCONVV
Voltage Conversion Time
400
µs
Current Measurement ADC
VFSI
Full-Scale Current Conversion
SENSEP – SENSEN
±97.5
mV
∆ILSB
Quantization Step Size
1 LSB at 16-Bit Resolution
2.975
µV
GAINI
Current Gain Accuracy
l
±1.0
%
VOSI
Offset
16-Bit LSBs
l
±1
±8
LSB
INLI
Integral Nonlinearity
16-Bit LSBs
l
±2
±16
LSB
Vn
RMS Noise
3
LSB
tCONVI
Current Conversion Time
400
µs
Temperature Measurement ADC
TFS
Full-Scale Temperature
l
825
K
∆TLSB
Quantization Step Size
1 LSB at 16-Bit Resolution
12.8
mK
TUET
Temperature Total Unadjusted Error
l
±0.5
±5
K
tCONVT
Temperature Conversion Time
As Part of Round-Robin Cycle
1200
µs
GPIO Voltage Input ADC
VFS
Full-Scale GPIO Input Range
Small Input Range
Large Input Range
±97.5
1.56
mV
V
∆VLSB
Quantization Step Size
Small Input Range
Large Input Range
2.975
47.6
µV
µV
GAINGPIO
Gain Accuracy
l
±1.0
%
VOSGPIO
Offset
Small Input Range
Large Input Range
40
3
LSB
LSB
INLGPIO
Integral Nonlinearity
Small Input Range
Large Input Range
±4
±4
±32
±32
LSB
LSB
tCONVGPIO
Conversion Time
As Part of Round-Robin Cycle
1600
µs
Digital Inputs and Digital Outputs
VITH
Logic Input Threshold
VDD ≥ 1.8V
l
0.5
1.4
V
VOL
Low Level Output Voltage (GPIO, SDA) I = 3mA, VDD ≥ 1.8V
l
0.4
V
IIN
Input Leakage (GPIO, SCL, SDA)
VIN = 5.5V
l
0.001
1
µA
CIN
Input Capacitance (GPIO, SCL, SDA)
(Note 8)
l
10
pF
tPCC
Minimum Charge Complete (CC) Pulse
Width
1
µs
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com