Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4150
Description  Ultra-Low Power Battery Gas Gauge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 3Page - Analog Devices LTC4150 Datasheet HTML 4Page - Analog Devices LTC4150 Datasheet HTML 5Page - Analog Devices LTC4150 Datasheet HTML 6Page - Analog Devices LTC4150 Datasheet HTML 7Page - Analog Devices LTC4150 Datasheet HTML 8Page - Analog Devices LTC4150 Datasheet HTML 9Page - Analog Devices LTC4150 Datasheet HTML 10Page - Analog Devices LTC4150 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC2959
7
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
TIMING DIAGRAM
2959 BD
1µF
VDD
1.8V TO 60V
DIGITAL
POST-PROCESSING
ACCUMULATED
CHARGE
REGISTER
470nF
COULOMB
COUNTER
TIME
REFERENCE
SENSEP
SENSEN
SDA
SIGMA-DELTA
ADC
I2C/SMBUS
INTERFACE
OPEN
DRAIN
VOLTAGE
REFERENCE
CHARGE
THRESHOLD
COMPARATORS
TEMPERATURE
SENSOR
CH1P
CH1N
CH2P
CH2N
CH3P
CH3N
CH4P
CH4N
GND
GND
VOLTAGE
CHANNEL
SELECT
DATA
REGISTERS
MIN/MAX
TRACKING
THRESHOLD
COMPARATORS
REGULATOR
INTERNAL
USE ONLY
VCM = 0V TO 60V
SCL
GPIO
VREG
CFP
CFN
GND
SDA
SCL
2959 TD01
tHD(STA)
START
CONDITION
tSU(DAT)
tHD(DAT0)
tHD(DAT1)
tHD(STA)
tSU(STO)
tSU(STA)
STOP
CONDITION
START
CONDITION
REPEATED START
CONDITION
tOF
tBUF
Figure 1. Definition of Timing on I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com