Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4150
Description  Ultra-Low Power Battery Gas Gauge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 10Page - Analog Devices LTC4150 Datasheet HTML 11Page - Analog Devices LTC4150 Datasheet HTML 12Page - Analog Devices LTC4150 Datasheet HTML 13Page - Analog Devices LTC4150 Datasheet HTML 14Page - Analog Devices LTC4150 Datasheet HTML 15Page - Analog Devices LTC4150 Datasheet HTML 16Page - Analog Devices LTC4150 Datasheet HTML 17Page - Analog Devices LTC4150 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
LTC2959
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The state of the GPIO pin and the internal Alert pull-down
signal have no effect on the Status register. The status
bits are set upon the arrival of an alert event, and they are
cleared upon readout of the status register.
Internal Data RW/I2C Arbitration
When I2C communication coincides with the ADC fin-
ishing a conversion or its accumulated charge register
incrementing/decrementing, there is a potential risk of
reading out corrupted data. To prevent this, the LTC2959
independently masks the internal updating of the ACR
and each of the ADC output registers when they are
being read out via I2C. Use burst reads to ensure that
all bytes of a quantity of interest are read out in a single
I2C transaction. Use burst writes for all threshold/min/
max registers to ensure that their comparisons take place
using the full data.
Upon receiving an I2C stop command, the LTC2959 will
release the register masking. If at least one new conver-
sion result has been received internally during I2C com-
munication, the latest conversion result will immediately
be loaded into the corresponding register, ready for I2C
readout.
The min/max trackers and threshold comparators will
function regardless of I2C communication.
PCB Board Layout Suggestions
Keep all traces as short as possible to minimize noise and
inaccuracy. Use a 4-wire Kelvin sense connection for the
sense resistor, locating the LTC2959 close to the resistor
with short sense-traces to the SENSEP and SENSEN pins.
Use wider traces from the resistor to the battery, load and/
or charger. Place the bypass capacitors on VDD and VREG
close to the LTC2959. Place the filter capacitor across CFP
and CFN between the sense resistor and the LTC2959. To
minimize leakage, do not solder the exposed pad.
Figure 3. Kelvin Connection on Sense Resistor
C
LTC2959
2959 F03
C
TO CHARGER/LOAD
TO BATTERY
RSENSE
C
9
10
5
4
2
3
1
6
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com