Electronic Components Datasheet Search
  English  ▼

X  

LTC4440 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4440
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4440 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4440 Datasheet HTML 4Page - Analog Devices LTC4440 Datasheet HTML 5Page - Analog Devices LTC4440 Datasheet HTML 6Page - Analog Devices LTC4440 Datasheet HTML 7Page - Analog Devices LTC4440 Datasheet HTML 8Page - Analog Devices LTC4440 Datasheet HTML 9Page - Analog Devices LTC4440 Datasheet HTML 10Page - Analog Devices LTC4440 Datasheet HTML 11Page - Analog Devices LTC4440 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC7000A
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VIN Supply Current vs
Temperature
SNS+ Supply Current vs
Temperature
SNS– Supply Current vs
Temperature
Input Threshold Voltage vs
Temperature
SNS+ FAULT Threshold vs
Temperature
Overcurrent to TGDN = LOW
Delay Time vs Temperature
Retry Duty Cycle vs Temperature
VBST-TS Floating UVLO Voltage vs
Temperature
ISET and VCCUV Pull-Up Current vs
Temperature
TEMPERATURE (°C)
–50
0
50
100
150
0
5
10
15
20
25
30
35
40
7000A G10
SHUTDOWN
SLEEP
ON
VIN = 10V
TEMPERATURE (°C)
–50
0
50
100
150
–10
0
10
20
30
7000A G11
SHUTDOWN
SLEEP
ON
VIN = VSNS+ = VSNS– = 10V
SHUTDOWN, SLEEP
ON
TEMPERATURE (°C)
–50
0
50
100
150
–2.0
0
2.0
4.0
6.0
7000A G12
VIN = VSNS+ = VSNS– = 10V
VIN = 10V
RISING
FALLING
TEMPERATURE (°C)
–50
0
50
100
150
0
0.5
1.0
1.5
2.0
2.5
3.0
7000A G13
RISING
FALLING
TEMPERATURE (°C)
–50
0
50
100
150
3.0
3.1
3.2
3.3
3.4
7000A G14
CTIMER = 1nF
TEMPERATURE (°C)
–50
0
50
100
150
18
19
20
21
22
7000A G15
CTIMER = 1nF
TEMPERATURE (°C)
–50
0
50
100
150
0.060
0.065
0.070
0.075
0.080
7000A G16
RISING
FALLING
TEMPERATURE (°C)
–50
0
50
100
150
2.0
2.5
3.0
3.5
4.0
7000A G17
TEMPERATURE (°C)
–50
0
50
100
150
–11.0
–10.5
–10.0
–9.5
–9.0
7000A G18
VISET = 1.0V (LTC7000A ONLY)
VVCCUV = 1.0V
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com