Electronic Components Datasheet Search
  English  ▼

X  

LTC4440 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4440
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4440 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4440 Datasheet HTML 16Page - Analog Devices LTC4440 Datasheet HTML 17Page - Analog Devices LTC4440 Datasheet HTML 18Page - Analog Devices LTC4440 Datasheet HTML 19Page - Analog Devices LTC4440 Datasheet HTML 20Page - Analog Devices LTC4440 Datasheet HTML 21Page - Analog Devices LTC4440 Datasheet HTML 22Page - Analog Devices LTC4440 Datasheet HTML 23Page - Analog Devices LTC4440 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC7000A
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Where 3.5V < Rising VCC UVLO < 10.5V.
RISING VCC UVLO
FALLING VCC UVLO
VCCUV RESISTOR TO GROUND (k)
0
30
60
90 120 150 180 210 240
0
1
2
3
4
5
6
7
8
9
10
11
7000A F11
Figure 11. VCCUV Resistor Selection
MOSFET Selection
The most important parameters in high voltage applica-
tions for MOSFET selection are the breakdown voltage
BVDSS, on-resistance RDS(ON) and the safe operating area,
SOA.
The MOSFET, when off, will see the full input range of the
input power supply plus any additional ringing than can
occur when driving inductive loads.
External conduction losses are minimized when using low
RDS(ON) MOSFETs. Since many high voltage MOSFETs
have higher threshold voltages (typical VTH ≥ 5V) and
RDS(ON) is directly related to the (VGS–VTH) of the
MOSFET, the LTC7000A/LTC7000A-1 maximum gate drive
of greater than 10V makes it an ideal solution to minimize
external conduction losses associated with external high
voltage MOSFETs.
SOA is specified in Typical Characteristic curves in power
N-channel MOSFET data sheets. The SOA curves show
the relationship between the voltages and current allowed
in a timed operation of a power MOSFET without causing
damage to the MOSFET. The overcurrent trip point (RSNS
and RISET) of the LTC7000A/LTC7000A-1 and TIMER
capacitor should be chosen to stay within the SOA region
of the MOSFET selected for the application.
Limiting Inrush Current During Turn-On
Driving large capacitive loads such as complex electrical
systems with large bypass capacitors should be powered
using the circuit shown in Figure 12. The pull-up gate
drive to the power MOSFET from TGUP is passed through
an RC delay network, RG and CG, which greatly reduces
the turn-on ramp rate of the MOSFET. Since the MOSFET
source voltage follows the gate voltage, the load is pow-
ered smoothly from ground. This dramatically reduces
the inrush current from the source supply and reduces
the transient ramp rate of the load allowing for slower
activation of sensitive electrical loads. The turn-off of the
MOSFET is not affected by the RC delay network as the
pull-down for the MOSFET gate is directly from the TGDN
pin. Note that the voltage rating on capacitor CG needs
to be the same or higher than the external MOSFET and
CLOAD.
Adding CG to the gate of the external MOSFET can cause
high frequency oscillation. A low power, low ohmic value
resistor (10Ω) should be placed in series with CG to
dampen the oscillations as shown in Figure 12 whenever
CG is used in an application. Alternatively, the low ohmic
value resistor can be placed in series with the gate of the
external MOSFET.
CB
1µF
CG
0.047µF
LOAD
10
SNS+
SNS–
RG 100k
RFLT
7000A F12
LTC7000A/
LTC7000A-1
RSNS
VIN
CLOAD
100µF
TGUP
TGDN
BST
TS
Figure 12. Powering Large Capacitive Loads
The values for RG and CG to limit the inrush current can
be calculated from the below equation:
IIN_RUSH ≅
0.7 • 12V • CLOAD
RG •CG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com