Electronic Components Datasheet Search
  English  ▼

X  

PAM8907 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PAM8907
Description  31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8907 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PAM8907 Datasheet HTML 2Page - Diodes Incorporated PAM8907 Datasheet HTML 3Page - Diodes Incorporated PAM8907 Datasheet HTML 4Page - Diodes Incorporated PAM8907 Datasheet HTML 5Page - Diodes Incorporated PAM8907 Datasheet HTML 6Page - Diodes Incorporated PAM8907 Datasheet HTML 7Page - Diodes Incorporated PAM8907 Datasheet HTML 8Page - Diodes Incorporated PAM8907 Datasheet HTML 9Page - Diodes Incorporated PAM8907 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PAM8907
Document number: DS43314 Rev. 2 - 2
9 of 10
www.diodes.com
May 2021
© Diodes Incorporated
PAM8907
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-QFN2020-10
R0.1
50
z
k
A
A1
A3
Seating Plane
D
D2
E
e
b
L
E2
Pin #1 ID
L1
U-QFN2020-10
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0.00
0.05
0.02
A3
--
--
0.152
b
0.20
0.30
0.25
D
1.950
2.05
2.00
D2
1.20
1.40
1.30
E
1.950
2.05
2.00
E2
0.95
1.15
1.05
e
--
--
0.50
k
--
--
0.23
L
0.205
0.305
0.255
L1
0.100
0.160
0.130
z
--
--
0.125
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-QFN2020-10
C
X
Y
Y1
X2
Y2
X1( 2x)
G
C1
Dimensions
Value
(in mm)
C
0.500
C1
0.250
G
0.220
X
0.280
X1
0.250
X2
1.300
Y
0.375
Y1
0.280
Y2
1.050
Mechanical Data
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu, Solderable per J-STD-002, Test B1
Weight: 13.67mg (Approximate)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com