Electronic Components Datasheet Search
  English  ▼

X  

PAM8907 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8907
Description  31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8907 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8907 Datasheet HTML 1Page - Diodes Incorporated PAM8907 Datasheet HTML 2Page - Diodes Incorporated PAM8907 Datasheet HTML 3Page - Diodes Incorporated PAM8907 Datasheet HTML 4Page - Diodes Incorporated PAM8907 Datasheet HTML 5Page - Diodes Incorporated PAM8907 Datasheet HTML 6Page - Diodes Incorporated PAM8907 Datasheet HTML 7Page - Diodes Incorporated PAM8907 Datasheet HTML 8Page - Diodes Incorporated PAM8907 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PAM8907
Document number: DS43314 Rev. 2 - 2
1 of 10
www.diodes.com
May 2021
© Diodes Incorporated
PAM8907
31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
Description
Pin Assignments
The PAM8907 is a piezoelectric horn driver with built-in boost
converter, capable of driving a ceramic/piezo sounder with up to
31VPP output. With integrated boost converter, the PAM8907 can
provide an optimized solution with higher Sound Pressure Level
(SPL) for louder output sound, lower quiescent current for longer
standby time, and auto turn-on/off feature for extended operating
lifetime. The PAM8907 provides clear benefits for battery-operated
tracker, piezoelectric horn or alarm related applications.
The PAM8907 integrates a boost converter that operates at a typical
frequency of 1.8MHz. With integrated boost converter and unique
piezo sounder driver technology, the PAM8907 provides small inrush
current, low EMI and yet highly efficient system performance.
PAM8907 Boost converter output can be set to either 11V or 15.6V
with minimum external components for various application usages.
The PAM8907 has built-in automatic shutdown and wake-up
functions for longer operating lifetime requirement. It also features
thermal shutdown protection, over-current protection, over-voltage
protection and under-voltage-lockout protection to assure safe
system operation.
The PAM8907 is available in U-QFN2020-10 package.
Features
Supply Voltage Range from 1.8V to 5.5V
Intergraded Boost Converter VOUT = 11V or 15.6V
Drive Piezo Sounder with up to 31VPP
High-Speed Driver Designed with Very Short Turn-On/Turn-Off
No Voltage Cross Output at Shutdown Mode
High Impendence Output at Shutdown Mode
Low Current Consumption, with Shutdown Current < 1
μA
Automatic Shutdown and Wake-Up Control
Available in Space-Saving U-QFN2020-10 package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
U-QFN2020-10
1
2
3
4
5
10
9
8
7
6
VCC
GND
BOOT
SW
VOUT
VIN
VSET
DIN
OUTP
OUTN
(Top View)
Applications
Bluetooth or Wireless Location Tracker
Air Humidifier or Ultrasonic Related Piezo Driver Application
Security Devices, Home Appliances
Haptic Feedback
Typical Applications Circuit
VIN
GND
PAM8907
BOOT SW
1.0
mH
0.1
mF
1
mF
VCC
DIN
1
mF
VOUT
VSET
OUTP
OUTN
PWM input
VO=15.6V
VO=11V
1.8V to 5.5V
10
mF 1mF
1
9
8
10
3
4
5
7
6
2
Option
Note: Schottky diode is optional. If added, it can save 20% of power
consumption.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - PAM8907

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
PAM8901JER DIODES-PAM8901JER Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8902AKER DIODES-PAM8902AKER Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
More results

Similar Description - PAM8907

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3469 LINER-LT3469 Datasheet
164Kb / 8P
Piezo Microactuator Driver with Boost Regulator
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
DRV8662 TI1-DRV8662_12 Datasheet
367Kb / 4P
Piezo Haptic Driver with Integrated Boost Converter
logo
Linear Technology
LT3469 LINER-LT3469_15 Datasheet
167Kb / 8P
Piezo Microactuator Driver with Boost Regulator
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
DRV2700 TI-DRV2700_15 Datasheet
1Mb / 37P
DRV2700 Industrial Piezo Driver With Integrated Boost Converter
logo
Diodes Incorporated
PAM8904 DIODES-PAM8904_17 Datasheet
352Kb / 9P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev 2
PAM8904E DIODES-PAM8904E Datasheet
826Kb / 10P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev. 2 - 2 February 2022
PAM8906 DIODES-PAM8906 Datasheet
718Kb / 11P
36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
December 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com