Electronic Components Datasheet Search
  English  ▼

X  

PCF8545 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8545
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 13Page - NXP Semiconductors PCF8545 Datasheet HTML 14Page - NXP Semiconductors PCF8545 Datasheet HTML 15Page - NXP Semiconductors PCF8545 Datasheet HTML 16Page - NXP Semiconductors PCF8545 Datasheet HTML 17Page - NXP Semiconductors PCF8545 Datasheet HTML 18Page - NXP Semiconductors PCF8545 Datasheet HTML 19Page - NXP Semiconductors PCF8545 Datasheet HTML 20Page - NXP Semiconductors PCF8545 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
7. The internal oscillator is running; no clock signal is available on pin OSCCLK; pin
OSCCLK is in 3-state.
The reset state is as shown in Table 20.
Reset state of configurable bits shown in the command table format for clarity.
Bits
Associated command
7
6
5
4
3
2
1
0
mode-settings
-
-
-
-
BPS = 0
INV = 0
PD = 0
E = 0
oscillator-control
-
-
-
-
-
EFR = 0
COE = 0
OSC = 0
set-MUX-mode
-
-
-
-
-
-
M[1:0] = 00
set-bias-mode
-
-
-
-
-
-
B[1:0] = 00
frame-frequency
-
-
-
FD[4:0] = 0 1110
load-data-pointer
-
-
DP[5:0] = 00 0000
Table 20. Reset state
The first command sent to the device after the power-on event must be the initialize
command (see Section 7.1.1).
After Power-On Reset (POR) and before enabling the display, the RAM content should
be brought to a defined state by writing meaningful content (for example, a graphic)
otherwise unwanted display artifacts may appear on the display.
7.2.2 RESET pin function
The RESET pin of the PCF8545 sets all the registers to their default state. The reset
state is given in Table 20. The RAM contents remains unchanged. After the reset signal
is removed, the PCF8545 will behave in the same manner as after Power-On Reset
(POR). See Section 7.2.1 for details.
7.2.3 Recommended start-up sequences
This chapter describes how to proceed with the initialization of the chip in different
application modes.
In general, the sequence should always be:
1. Power-on the device,
2. set the display and functional modes,
3. fill the display memory and then
4. turn on the display.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
17 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com