Electronic Components Datasheet Search
  English  ▼

X  

TM4PDPS1 Datasheet(PDF) 2 Page - Schneider Electric

Part # TM4PDPS1
Description  module network TM4 1 Profibus DP slave
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM4PDPS1 Datasheet(HTML) 2 Page - Schneider Electric

  TM4PDPS1 Datasheet HTML 1Page - Schneider Electric TM4PDPS1 Datasheet HTML 2Page - Schneider Electric TM4PDPS1 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Environment
Standards
EN/IEC 61131-2
UL 508
EIA-485
Product certifications
C-Tick
cULus
Resistance to electrostatic
discharge
8 kV in air conforming to EN/IEC 61000-4-2
4 kV on contact conforming to EN/IEC 61000-4-2
8 kV in air conforming to Marine specification (LR, ABS, DNV, GL)
6 kV on contact conforming to Marine specification (LR, ABS, DNV, GL)
Resistance to electromagnetic
fields
10 V/m 80 MHz...1 GHz conforming to EN/IEC 61000-4-3
3 V/m 1.4 GHz...2 GHz conforming to EN/IEC 61000-4-3
1 V/m 2...2.7 GHz conforming to EN/IEC 61000-4-3
Resistance to fast transients
2 kV (power lines) conforming to EN/IEC 61000-4-4
2 kV (relay output) conforming to EN/IEC 61000-4-4
1.5 kV (I/O) conforming to EN/IEC 61000-4-4
1 kV (Ethernet line) conforming to EN/IEC 61000-4-4
1 kV (serial link) conforming to EN/IEC 61000-4-4
Resistance to conducted
disturbances
10 V 0.15...80 MHz conforming to EN/IEC 61000-4-6
3 V 0.1...80 MHz conforming to Marine specification (LR, ABS, DNV, GL)
10 V spot frequency (2, 3, 4, 6.2, 8.2, 12.6, 16.5, 18.8, 22, 25 MHz) conforming to Marine specification
(LR, ABS, DNV, GL)
Electromagnetic emission
Conducted emissions - test level: 79 dBμV/m QP/66 dBμV/m AV ( power lines (AC)) at 0.15…0.5 MHz
conforming to EN/IEC 55011
Conducted emissions - test level: 73 dBμV/m QP/60 dBμV/m AV ( power lines (AC)) at 0.5…300 MHz
conforming to EN/IEC 55011
Conducted emissions - test level: 120...69 dBµV/m QP ( power lines) at 10…150 kHz conforming to
EN/IEC 55011
Conducted emissions - test level: 63 dBμV/m QP ( power lines) at 1.5…30 MHz conforming to EN/IEC
55011
Radiated emissions - test level: 40 dBμV/m QP class A at 30…230 MHz conforming to EN/IEC 55011
Radiated emissions - test level: 60...54 dBμV/m QP at 30…100 MHz conforming to Marine specification
(LR, ABS, DNV, GL)
Radiated emissions - test level: 24 dBμV/m QP at 156…165 MHz conforming to Marine specification
(LR, ABS, DNV, GL)
Conducted emissions - test level: 79...63 dBμV/m QP ( power lines) at 150…1500 kHz conforming to
EN/IEC 55011
Radiated emissions - test level: 47 dBμV/m QP class A at 230…1000 MHz conforming to EN/IEC
55011
Radiated emissions - test level: 80...50 dμV/m QP at 150…30000 kHz conforming to Marine
specification (LR, ABS, DNV, GL)
Radiated emissions - test level: 54 dBμV/m QP at 100…2000 MHz conforming to Marine specification
(LR, ABS, DNV, GL)
Ambient air temperature for
operation
-10…55 °C horizontal installation
-10…50 °C vertical installation
Ambient air temperature for
storage
-25…70 °C
Relative humidity
10…95 %, without condensation (in operation)
10…95 %, without condensation (in storage)
IP degree of protection
IP20 with protective cover in place
Pollution degree
2
Operating altitude
0...2000 m
Storage altitude
0…3000 m
Vibration resistance
1 mm at 5…13.2 Hz on symmetrical rail
3 gn at 8.7…150 Hz on symmetrical rail
1 mm at 5…13.2 Hz on panel mounting
0.7 gn at 13.2…100 Hz on panel mounting
Shock resistance
15 gn for 11 ms
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
210.0 g
Package 1 Height
17 cm
Package 1 width
11 cm
2
Apr 6, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com