Electronic Components Datasheet Search
  English  ▼

X  

TM4PDPS1 Datasheet(PDF) 1 Page - Schneider Electric

Part # TM4PDPS1
Description  module network TM4 1 Profibus DP slave
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM4PDPS1 Datasheet(HTML) 1 Page - Schneider Electric

  TM4PDPS1 Datasheet HTML 1Page - Schneider Electric TM4PDPS1 Datasheet HTML 2Page - Schneider Electric TM4PDPS1 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
module network TM4 1 Profibus DP
slave
TM4PDPS1
Main
Product or component type
Profibus DP communication module
Complementary
Range compatibility
Modicon M251
Modicon M241
Product compatibility
Modicon M241 logic controller
Modicon M251 logic controller
Current consumption
290 mA at 5 V DC for communication bus
Power dissipation in W
1.5 W
Integrated connection type
Profibus DP: female SUB-D 9 connector
Transmission rate
1.5 Mbit/s for bus length of 200 m
500 kbit/s for bus length of 400 m
187.5 kbit/s for bus length of 1000 m
9.6...93.75 kbit/s for bus length of 1200 m
3...12 Mbit/s for bus length of 100 m
Communication port protocol
Profibus DP V0
Profibus DP V1
Insulation
Between bus and internal logic at 1000 V DC
Local signalling
1 LED (green/yellow) for power supply
1 LED (green/red) for communication
Electrical connection
Screw connector terminal for connecting the functional ground
SUB-D 9 1 female connector for connecting Profibus
Marking
CE
Surge withstand
1 kV power lines (DC) common mode conforming to EN/IEC 61000-4-5
2 kV power lines (AC) common mode conforming to EN/IEC 61000-4-5
2 kV relay output common mode conforming to EN/IEC 61000-4-5
1 kV I/O common mode conforming to EN/IEC 61000-4-5
1 kV shielded cable common mode conforming to EN/IEC 61000-4-5
0.5 kV power lines (DC) differential mode conforming to EN/IEC 61000-4-5
1 kV power lines (AC) differential mode conforming to EN/IEC 61000-4-5
1 kV relay output differential mode conforming to EN/IEC 61000-4-5
0.5 kV I/O differential mode conforming to EN/IEC 61000-4-5
Mounting support
Top hat type TH35-15 rail conforming to IEC 60715
Top hat type TH35-7.5 rail conforming to IEC 60715
plate or panel with fixing kit
Width
25 mm
Height
90 mm
Depth
90 mm
Net weight
0.1 kg
 
Apr 6, 2022
1


Similar Part No. - TM4PDPS1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM4P-44P HIROSE-TM4P-44P Datasheet
320Kb / 5P
MODULAR CONNECTORS(Plug for copper foil, stranded wire flat type cable)
TM4P-64P HIROSE-TM4P-64P Datasheet
320Kb / 5P
MODULAR CONNECTORS(Plug for copper foil, stranded wire flat type cable)
TM4P-66P HIROSE-TM4P-66P Datasheet
320Kb / 5P
MODULAR CONNECTORS(Plug for copper foil, stranded wire flat type cable)
More results

Similar Description - TM4PDPS1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
FB-DP-RPTR PHOENIX-FB-DP-RPTR Datasheet
53Kb / 3P
PROFIBUS DP interface/repeater module
logo
Prosoft-Technology
PS69-DPS PROSOFT-PS69-DPS Datasheet
453Kb / 2P
PROFIBUS DP Slave Communication Module
MVI56-PDPS PROSOFT-MVI56-PDPS Datasheet
206Kb / 2P
PROFIBUS DP Slave Communication Module
MVI46-PDPS PROSOFT-MVI46-PDPS Datasheet
90Kb / 2P
PROFIBUS DP Slave Communication Module
logo
Schneider Electric
TM4ES4 SCHNEIDER-TM4ES4 Datasheet
106Kb / 3P
module network TM4 4 Ethernet switchs
Apr 6, 2022
TM5PCDPS SCHNEIDER-TM5PCDPS Datasheet
234Kb / 5P
Profibus DP communication module, Modicon TM5, slave link, PCI
Apr 6, 2022
STBNDP2212 SCHNEIDER-STBNDP2212 Datasheet
141Kb / 4P
standard Network Interface Module STB - Profibus DP - 9.6 kbit/s
Apr 8, 2022
HMIZGPDP SCHNEIDER-HMIZGPDP Datasheet
119Kb / 2P
Profibus DP slave unit, Harmony GTU, for Universal panel
May 2, 2022
LUFP7 SCHNEIDER-LUFP7 Datasheet
111Kb / 2P
Profibus DP/Modbus communication gateway - 1 Profibus DP SUB-D9 - 1 RJ45 Modbus
May 11, 2022
logo
Molex Electronics Ltd.
1120160022 MOLEX-1120160022 Datasheet
41Kb / 1P
SST PB3 In Chassis Module for Rockwell Automation SLC500, PROFIBUS DP Master/ Slave, 1 Channel
09/16/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com