Electronic Components Datasheet Search
  English  ▼

X  

AD630ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD630ARZ
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630ARZ Datasheet(HTML) 1 Page - Analog Devices

  AD630ARZ Datasheet HTML 1Page - Analog Devices AD630ARZ Datasheet HTML 2Page - Analog Devices AD630ARZ Datasheet HTML 3Page - Analog Devices AD630ARZ Datasheet HTML 4Page - Analog Devices AD630ARZ Datasheet HTML 5Page - Analog Devices AD630ARZ Datasheet HTML 6Page - Analog Devices AD630ARZ Datasheet HTML 7Page - Analog Devices AD630ARZ Datasheet HTML 8Page - Analog Devices AD630ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Balanced Modulator/Demodulator
Data Sheet
AD630
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Recovers signal from 100 dB noise
2 MHz channel bandwidth
45 V/µs slew rate
Low crosstalk: −120 dB at 1 kHz, −100 dB at 10 kHz
Pin programmable, closed-loop gains of ±1 and ±2
0.05% closed-loop gain accuracy and match
100 µV channel offset voltage (AD630)
350 kHz full power bandwidth
Chips available
APPLICATIONS
Balanced modulation and demodulation
Synchronous detection
Phase detection
Quadrature detection
Phase sensitive detection
Lock in amplification
Square wave multiplication
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD630 is a high precision balanced modulator/demodulator
that combines a flexible commutating architecture with the
accuracy and temperature stability afforded by laser wafer trimmed
thin film resistors. A network of on-board applications resistors
provides precision closed-loop gains of ±1 and ±2 with 0.05%
accuracy (AD630B). These resistors may also be used to accurately
configure multiplexer gains of 1, 2, 3, or 4. External feedback
enables high gain or complex switched feedback topologies.
The AD630 can be thought of as a precision op amp with two
independent differential input stages and a precision comparator
that is used to select the active front end. The rapid response
time of this comparator coupled with the high slew rate and fast
settling of the linear amplifiers minimize switching distortion.
The AD630 is used in precision signal processing and instru-
mentation applications that require wide dynamic range. When
used as a synchronous demodulator in a lock-in amplifier
configuration, the AD630 can recover a small signal from 100 dB
of interfering noise (see the Lock-In Amplifier Applications
section). Although optimized for operation up to 1 kHz, the
circuit is useful at frequencies up to several hundred kilohertz.
Other features of the AD630 include pin programmable frequency
compensation; optional input bias current compensation resistors,
common-mode and differential-offset voltage adjustment, and a
channel status output that indicates which of the two differential
inputs is active.
PRODUCT HIGHLIGHTS
1. The application flexibility of the AD630 makes it the best
choice for applications that require precisely fixed gain,
switched gain, multiplexing, integrating-switching
functions, and high speed precision amplification.
2. The 100 dB dynamic range of the AD630 exceeds that of
any hybrid or IC balanced modulator/demodulator and is
comparable to that of costly signal processing instruments.
3. The op amp format of the AD630 ensures easy implementation
of high gain or complex switched feedback functions. The
application resistors facilitate the implementation of most
common applications with no additional parts.
4. The AD630 can be used as a 2-channel multiplexer with gains
of 1, 2, 3, or 4. The channel separation of 100 dB at 10 kHz
approaches the limit achievable with an empty IC package.
5. Laser trimming of the comparator and amplifying channel
offsets eliminate the need for external nulling in most cases.
CM OFF
ADJ
CM OFF
ADJ
DIFF OFF
ADJ
DIFF OFF
ADJ
2.5kΩ
AMP A
2.5kΩ
AMP B
–V
10kΩ
10kΩ
5kΩ
COMP
RINA
CH A+
CH A–
RINB
CH B+
CH B–
SEL B
SEL A
COMP
+VS
VOUT
RB
RF
RA
CHANNEL
STATUS
B/A
–VS
A
B
BIAS
+VS


Similar Part No. - AD630ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD630ARZ AD-AD630ARZ Datasheet
494Kb / 13P
Balanced Modulator/Demodulator
REV. E
More results

Similar Description - AD630ARZ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM1496 NJRC-NJM1496 Datasheet
191Kb / 6P
DOUBLE BALANCED MODULATOR-DEMODULATOR
logo
National Semiconductor ...
LM1596 NSC-LM1596 Datasheet
164Kb / 8P
Balanced Modulator-Demodulator
logo
NTE Electronics
NTE973D NTE-NTE973D Datasheet
27Kb / 4P
Integrated Circuit Double Balanced Modulator/Demodulator
logo
Analog Devices
AD630 AD-AD630 Datasheet
288Kb / 8P
Balanced Modulator/Demodulator
REV.C
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
logo
Analog Devices
AD630 AD-AD630_04 Datasheet
318Kb / 12P
Balanced Modulator/Demodulator
REV. E
AD630ARZ AD-AD630ARZ Datasheet
494Kb / 13P
Balanced Modulator/Demodulator
REV. E
AD630KNZ AD-AD630KNZ Datasheet
488Kb / 13P
Balanced Modulator/Demodulator
REV. E
AD630ADZ AD-AD630ADZ Datasheet
488Kb / 13P
Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630_15 Datasheet
519Kb / 13P
Balanced Modulator/Demodulator
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com