Electronic Components Datasheet Search
  English  ▼

X  

AD630ARZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD630ARZ
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630ARZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD630ARZ Datasheet HTML 12Page - Analog Devices AD630ARZ Datasheet HTML 13Page - Analog Devices AD630ARZ Datasheet HTML 14Page - Analog Devices AD630ARZ Datasheet HTML 15Page - Analog Devices AD630ARZ Datasheet HTML 16Page - Analog Devices AD630ARZ Datasheet HTML 17Page - Analog Devices AD630ARZ Datasheet HTML 18Page - Analog Devices AD630ARZ Datasheet HTML 19Page - Analog Devices AD630ARZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD630
Data Sheet
Rev. G | Page 20 of 20
Figure 38. 20-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-20-1)
Dimensions shown in inches and (millimeters)
Figure 39. 20-Lead Standard Small Outline Package [SOIC_W]
Wide Body
(RW-20)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD630JNZ
0°C to 70°C
20-Lead Plastic Dual In-Line Package [PDIP]
N-20
AD630KNZ
0°C to 70°C
20-Lead Plastic Dual In-Line Package [PDIP]
N-20
AD630ARZ
−25°C to +85°C
20-Lead Standard Small Outline Package [SOIC_W]
RW-20
AD630ARZ-RL
−25°C to +85°C
20-Lead Standard Small Outline Package [SOIC_W], 13" Tape and Reel
RW-20
AD630ADZ
−25°C to +85°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD630BDZ
−25°C to +85°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD630SD
−55°C to +125°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD630SD/883B
−55°C to +125°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
5962-8980701RA
−55°C to +125°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD630SE/883B
−55°C to +125°C
20-Terminal Ceramic Leadless Chip Carrier [LCC]
E-20-1
5962-89807012A
−55°C to +125°C
20-Terminal Ceramic Leadless Chip Carrier [LCC]
E-20-1
AD630SCHIPS
−55°C to +125°C
Chip
1 Z = RoHS Compliant Part.
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
1
20
4
9
8
13
19
14
3
18
BOTTOM
VIEW
0.028 (0.71)
0.022 (0.56)
45° TYP
0.015 (0.38)
MIN
0.055 (1.40)
0.045 (1.14)
0.050 (1.27)
BSC
0.075 (1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
0.095 (2.41)
0.075 (1.90)
0.100 (2.54) REF
0.200 (5.08)
REF
0.150 (3.81)
BSC
0.075 (1.91)
REF
0.358 (9.09)
0.342 (8.69)
SQ
0.358
(9.09)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013-AC
13.00 (0.5118)
12.60 (0.4961)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
20
11
10
1
1.27
(0.0500)
BSC
©2015–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00784-0-12/16(G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com