Electronic Components Datasheet Search
  English  ▼

X  

AD7475 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7475
Description  1 MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7475 Datasheet HTML 10Page - Analog Devices AD7475 Datasheet HTML 11Page - Analog Devices AD7475 Datasheet HTML 12Page - Analog Devices AD7475 Datasheet HTML 13Page - Analog Devices AD7475 Datasheet HTML 14Page - Analog Devices AD7475 Datasheet HTML 15Page - Analog Devices AD7475 Datasheet HTML 16Page - Analog Devices AD7475 Datasheet HTML 17Page - Analog Devices AD7475 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD7475/AD7495
Data Sheet
Rev. D | Page 14 of 24
TYPICAL CONNECTION DIAGRAM
Figure 13 and Figure 15 show typical connection diagrams for
the AD7475 and AD7495, respectively. In both setups, the GND
pin is connected to the analog ground plane of the system. In
Figure 13, REF IN is connected to a decoupled 2.5 V supply
from a reference source, the AD780, to provide an analog input
range of 0 V to 2.5 V. Although the AD7475 connects to a VDD
of 5 V, the serial interface connects to a 3 V microprocessor. The
VDRIVE pin of the AD7475 connects to the same 3 V supply of
the microprocessor to allow a 3 V logic interface (see the Digital
Inputs section.) In Figure 15, the REF OUT pin of the AD7495
is connected to a buffer and then applied to a level-shifting
circuit used on the analog input to allow a bipolar signal to be
applied to the AD7495. A minimum 100 nF capacitance is
required on the REF OUT pin to GND. The conversion result
from both ADCs is output in a 16-bit word with four leading
zeros followed by the MSB of the 12-bit result. For applications
where power consumption is of concern, use the power-down
modes between conversions or bursts of several conversions to
improve power performance. See the Operating Modes section
for more information.
VDD
VIN
GND
5V
SUPPLY
2.5V
AD780
3V
SUPPLY
AD7475
0V TO
2.5V
INPUT
SDATA
µC/µP
SCLK
SERIAL
INTERFACE
0.1
µF
(MIN)
VDRIVE
REF IN
0.1
µF
10
µF
0.1
µF
10
µF
CS
Figure 13. AD7475 Typical Connection Diagram
Analog Input
Figure 14 shows an equivalent circuit of the analog input
structure of the AD7475/AD7495. The D1 and D2 diodes
provide ESD protection for the analog inputs. Ensure that the
analog input signal never exceeds the supply rails by more than
200 mV. This causes these diodes to become forward-biased
and start conducting current into the substrate. The maximum
current these diodes can conduct without causing irreversible
damage to the device is 20 mA. The capacitor C1 in Figure 14 is
typically about 4 pF and is attributed to pin capacitance. The
resistor R1 is a lumped component made up of the on resistance
of a switch. This resistor is typically about 100 Ω. The capacitor
C2 is the ADC sampling capacitor and has a capacitance of 16
pF, typically. For ac applications, it is recommended to remove
high frequency components from the analog input signal using
an RC low-pass filter on the relevant analog input pin. In
applications where harmonic distortion and signal-to-noise
ratio are critical, drive the analog input from a low impedance
source. Large source impedances significantly affect the ac
performance of the ADC. This may necessitate the use of an
input buffer amplifier. The choice of the op amp is a function of
the particular application.
R1
VIN
C2
16pF
D1
D2
C1
4pF
VDD
CONVERSION PHASE: SWITCH OPEN
TRACK PHASE: SWITCH CLOSED
Figure 14. Equivalent Analog Input Circuit
VDD
VIN
GND
5V
SUPPLY
3V
SUPPLY
AD7495
0V TO
2.5V
INPUT
SDATA
µC/µP
SCLK
SERIAL
INTERFACE
0.1
µF
(MIN)
VDRIVE
REF OUT
0.1
µF
10
µF
0.1
µF
10
µF
R
R
3R
R
V
0V
V
CS
Figure 15. AD7495 Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com