Electronic Components Datasheet Search
  English  ▼

X  

AD7475 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7475
Description  1 MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7475 Datasheet HTML 13Page - Analog Devices AD7475 Datasheet HTML 14Page - Analog Devices AD7475 Datasheet HTML 15Page - Analog Devices AD7475 Datasheet HTML 16Page - Analog Devices AD7475 Datasheet HTML 17Page - Analog Devices AD7475 Datasheet HTML 18Page - Analog Devices AD7475 Datasheet HTML 19Page - Analog Devices AD7475 Datasheet HTML 20Page - Analog Devices AD7475 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD7475/AD7495
Rev. D | Page 17 of 24
To exit this operating mode and power up the AD7475/AD7495
again, a dummy conversion is performed. On the falling edge of
CS, the device begins to power up and continues to power up as
long as CS is held low until after the falling edge of the 10
th SCLK.
The device is fully powered up once 16 SCLKs have elapsed,
and valid data results from the next conversion, as shown in
Figure 21. If CS is brought high before the second falling edge
of SCLK, the AD7475/AD7495 go back into partial power-down
again. This avoids accidental power-up due to glitches on the CS
line; although the device may begin to power up on the falling
edge of CS, it powers down again on the rising edge of CS. If in
partial power-down and CS is brought high between the second
and tenth falling edges of SCLK, the device enters full power-
down mode.
Power-Up Time
The power-up time of the AD7475/AD7495 from partial power-
down is typically 1 μs, which means that with any frequency of
SCLK up to 20 MHz, one dummy cycle is sufficient to allow the
device to power up from partial power-down. Once the dummy
cycle is complete, the ADC is fully powered up and the input
signal is acquired properly. The quiet time, tQUIET, must still be
allowed from the point where the bus goes back into three-state
after the dummy conversion to the next falling edge of CS. When
running at a 1 MSPS throughput rate, the AD7475/AD7495 power
up and acquire a signal within ±0.5 LSB in one dummy cycle, 1 μs.
When powering up from the power-down mode with a dummy
cycle, as in Figure 21, the track-and-hold that was in hold mode
while the device was powered down returns to track mode after
the first SCLK edge the device receives after the falling edge of
CS. This is shown as Point A in Figure 21. Although at any SCLK
frequency one dummy cycle is sufficient to power up the device
and acquire VIN, it does not necessarily mean that a full dummy
cycle of 16 SCLKs must always elapse to power up the device
and fully acquire VIN; 1 μs is sufficient to power up the device
and acquire the input signal. If, for example, a 5 MHz SCLK
frequency were applied to the ADC, the cycle time would be
3.2 μs. In one dummy cycle, 3.2 μs, the device would be powered up
and VIN fully acquired. However, after 1 μs with a 5 MHz SCLK,
only 5 SCLK cycles would have elapsed. At this stage, the ADC
would be fully powered up and the signal acquired. In this case,
the CS can be brought high after the 10
th SCLK falling edge and
brought low again after a time, tQUIET, to initiate the conversion.
FULL POWER-DOWN MODE
Full power-down mode is intended for use in applications
where slower throughput rates are required than that in the
partial power-down mode, because powering up from a full
power-down would not be complete in just one dummy
conversion. This mode is more suited to applications where a
series of conversions performed at a relatively high throughput
rate are followed by a long period of inactivity and therefore
power down. When the AD7475/AD7495 are in full power-
down, all analog circuitry is powered down.
SCLK
SDATA
INVALID DATA
VALID DATA
1
10
16
1
THE PART BEGINS
TO POWER UP
THE PART IS FULLY
POWERED UP
16
A
CS
Figure 21. Exiting Partial Power-Down Mode
SCLK
SDATA
INVALID DATA
INVALID DATA
1
10
16
1
THE PART BEGINS
TO POWER UP
16
2
10
2
THE PART ENTERS
FULL POWER-DOWN
THE PART ENTERS
PARTIAL POWER-DOWN
THREE-STATE
THREE-STATE
CS
Figure 22. Entering Full Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com