Electronic Components Datasheet Search
  English  ▼

X  

M64285FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M64285FP
Description  CMOS Image Sensor(Image inputting systems for gaming devices, Toys, PC interface systems)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64285FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M64285FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MITSUBISHI
02 / 05 / 01
Ver. 2.2E_01
MITSUBISHI CMOS Image Sensor
M64285FP
PRELIMINARY
Technical Data Sheet
( 2 / 26 )
Specifications and information herein are subject to change without notice.
5. Pin Configuration ( Top View )
Pin No.
Pin
Pin name
name
Outline of functions
Pin types
1
START
Counter RESET, Image capture start
Digital input
2
SIN
Register setting data
Digital input
3
SCLK
Register data input timing
Digital input
4
STRB
Data output timing
Digital output
5
VDD
Power supply
Power supply
6
VOUT
Voltage output of image data
Analog output
7
GND
GROUND
GROUND
8
RESET
Chip RESET (LOW active)
Digital input
9
LOAD
Register data input trigger
Digital input
10
CLK
System clock
Digital input
Outline : 10C2-C
10 pin clear resin SOP
6. Absolute Maximum Ratings
Symbols
Items
Ratings
Units
VDD
Power supply
6
V
Digital input voltage *
-0.3 ~ VDD
V
Topt
Operating ambient temperature
-10 ~ +55
°C
Tstg
Storage temperature
-20 ~ +80
°C
VI
* Digital input terminals : START, SIN, SCLK, RESET, LOAD, and CLK
* Digital pins use CMOS input and CMOS output.
* The potential of digital pins must normally be fixed to "H" or "L".
Pixel Origin
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com