Electronic Components Datasheet Search
  English  ▼

X  

M64285FP Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M64285FP
Description  CMOS Image Sensor(Image inputting systems for gaming devices, Toys, PC interface systems)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64285FP Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M64285FP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MITSUBISHI
02 / 05 / 01
Ver. 2.2E_01
MITSUBISHI CMOS Image Sensor
M64285FP
PRELIMINARY
Technical Data Sheet
( 21 / 26 )
Specifications and information herein are subject to change without notice.
0.5
1
1.5
0
5
10
15
20
25
30
Gain [ Times ]
[ Black Level Deviation Dependence on Gain ]
Accum. Time = 100ms, Gain = 24dB
Accum. Time = 1ms
Plural lines indicate different samples.
[ Dark Signal Dependence on Temperature ]
Effective
Pixels
Optical
Black Pixels
0.001
0.01
0.1
1
-10
0
10
20
30
40
50
60
Ambient Temperature [ °C ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com