Electronic Components Datasheet Search
  English  ▼

X  

ICS874005 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS874005
Description  PCI EXPRESS TM JITTER ATTENUATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS874005 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS874005 Datasheet HTML 1Page - Integrated Circuit Systems ICS874005 Datasheet HTML 2Page - Integrated Circuit Systems ICS874005 Datasheet HTML 3Page - Integrated Circuit Systems ICS874005 Datasheet HTML 4Page - Integrated Circuit Systems ICS874005 Datasheet HTML 5Page - Integrated Circuit Systems ICS874005 Datasheet HTML 6Page - Integrated Circuit Systems ICS874005 Datasheet HTML 7Page - Integrated Circuit Systems ICS874005 Datasheet HTML 8Page - Integrated Circuit Systems ICS874005 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Integrated
Circuit
Systems, Inc.
874005AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 25, 2006
5
ICS874005
PCI EXPRESS™
JITTER ATTENUATOR
PARAMETER MEASUREMENT INFORMATION
CYCLE-TO-CYCLE JITTER
DIFFERENTIAL INPUT LEVEL
3.3V LVDS OUTPUT LOAD AC TEST CIRCUIT
OUTPUT SKEW
V
CMR
Cross Points
V
PP
GND
CLK
nCLK
V
DD
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
DIFFERENTIAL OUTPUT VOLTAGE SETUP
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
➤
➤
QA0, QA1
QB0:QB2
nQA0, nQA1
nQB0:nQB2
t jit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
SCOPE
Qx
nQx
LVDS
3.3V±5%
POWER SUPPLY
+–
Float GND
V
DD,
V
DDO VDDA
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
OUTPUT RISE/FALLTIME
➤
100
out
out
LVDS
DC Input
VOD/Δ VOD
V
DD
out
out
LVDS
DC Input
➤
VOS/Δ VOS
V
DD
OFFSETVOLTAGE SETUP
tsk(o)
nQy
Qy
nQx
Qx
QA0, QA1
QB0:QB2
nQA0, nQA1
nQB0:nQB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com