Electronic Components Datasheet Search
  English  ▼

X  

LM9823 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9823
Description  LM9823 3 Channel 48-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9823 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM9823 Datasheet HTML 2Page - National Semiconductor (TI) LM9823 Datasheet HTML 3Page - National Semiconductor (TI) LM9823 Datasheet HTML 4Page - National Semiconductor (TI) LM9823 Datasheet HTML 5Page - National Semiconductor (TI) LM9823 Datasheet HTML 6Page - National Semiconductor (TI) LM9823 Datasheet HTML 7Page - National Semiconductor (TI) LM9823 Datasheet HTML 8Page - National Semiconductor (TI) LM9823 Datasheet HTML 9Page - National Semiconductor (TI) LM9823 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
www.national.com
Note 7: Two diodes clamp the OS analog inputs to AGND and VA as shown below. This input protection, in combination with the external clamp capacitor and the output
impedance of the sensor, prevents damage to the LM9823 from transients during power-up.
Note 8: To guarantee accuracy, it is required that VA and VD be connected to clean, low noise power supplies, with separate bypass capacitors at each supply pin. When
both VA and VD are operated at 5.0V, they must be powered by the same regulator, with separate power planes or traces and separate bypass capacitors at each supply pin.
Note 9: Typicals are at TJ=TA=25°C, fMCLK = 12MHz, and represent most likely parametric norm.
Note 10: Tested limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
Note 11: Full channel integral non-linearity error is defined as the deviation of the analog value, expressed in LSBs, from the straight line that best fits the actual transfer
function of the AFE.
Note 12: The sensor’s maximum peak differential signal range is defined as the peak sensor output voltage for a white (full scale) image, with respect to the dark reference
level.
Note 13:
PGA Gain Error is the maximum difference between the measured gain for any PGA code and the ideal gain calculated by using the formula
where
.
Note 14: Full Channel INL and DNL are tested with CDS disabled, negative signal polarity, DOE = 0, and a single OS input with a gain register setting of 1 (000001b) and
an offset register setting of 0 (000000b).
Note 15: The digital supply current (ID) does not include the load, data and switching frequency dependent current required to drive the digital output bus on pins (D7 - D0).
The current required to switch the digital data bus can be calculated from: ISW = 2*ND*PSW*CL*VD/tMCLK where ND is total number of data pins, PSW is the probability of
each data bit switching, CL is the capacitive loading on each data pin, VD is the digital supply voltage and tMCLK is the period of the MCLK input. For most applications, ND
is 8, PSW is ≈ 0.5, and VD is 5V, and the switching current can be calculated from: ISW = 40*CL/tMCLK. (With VD at 3.3V, the equation becomes: ISW = 26.4*CL/tMCLK.) For
example, if the capacitive load on each digital output pin (D7 - D0) is 20pF and the period of tMCLK is 1/12MHz or 83ns, then the digital switching current would be 9.6mA.
The calculated digital switching current will be drawn through the VD pin and should be considered as part of the total power budget for the LM9823.
Note 16: All specifications quoted in LSBs are based on 12 bit resolution.
OS Input
AGND
VA
TO INTERNAL
CIRCUITRY
VWHITE
VREF
VRFT
CCD Output Signal
CIS Output Signal
VWHITE
Black Level
Gain
PGA
V
V
----


G
0
X
PGA code
32
---------------------------
+
=X
G
31
G
0
–
()32
31
------
=
AC Electrical Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com