Electronic Components Datasheet Search
  English  ▼

X  

LM9823 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9823
Description  LM9823 3 Channel 48-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9823 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9823 Datasheet HTML 1Page - National Semiconductor (TI) LM9823 Datasheet HTML 2Page - National Semiconductor (TI) LM9823 Datasheet HTML 3Page - National Semiconductor (TI) LM9823 Datasheet HTML 4Page - National Semiconductor (TI) LM9823 Datasheet HTML 5Page - National Semiconductor (TI) LM9823 Datasheet HTML 6Page - National Semiconductor (TI) LM9823 Datasheet HTML 7Page - National Semiconductor (TI) LM9823 Datasheet HTML 8Page - National Semiconductor (TI) LM9823 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.national.com
LM9823 3 Channel 48-Bit Color Scanner Analog Front End
Connection Diagram
LM9823
28 pin
SOIC
SCLK
SDI
SEN
D2
D0
VD
DGND
D4
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
23
22
21
24
25
26
27
28
D7
D6
D5
MCLK
VA
VA
VREF-
OSB
OSG
CLMP
OSR
VREF+
AGND
AGND
VSMP
SDO
VREFMID
VBANDGAP
D3
D1
N
©2000 National Semiconductor Corporation
Ordering Information
Notes:
1 - Rail transport media, 26 parts per rail, 2 - Tape and reel transport media, 1000 parts per reel
Temperature Range
0°C
≤ T
A ≤ +70°C
NS Package
Number
Order Number
Device Marking
LM9823CCWM1
LM9823CCWMX2
LM9823CCWM
LM9823CCWM
M28B
M28B
October 2000
General Description
The LM9823 is a high performance Analog Front End (AFE) for
image sensor processing systems. It performs all the analog and
mixed signal functions (correlated double sampling, color spe-
cific gain and offset correction, and analog to digital conversion)
necessary to digitize the output of a wide variety of CIS and
CCD sensors. The LM9823 has a 16 bit 6MHz ADC.
Features
• 6 million pixels/s conversion rate
• Digitally programmed gain and offset for red, green and blue
color balancing
• Correlated Double Sampling for lowest noise from CCD
sensors
• Compatible with CCD and CIS type image sensors
• Internal Voltage Reference Generation
• TTL/CMOS compatible input/output
Key Specifications
• Output Data Resolution
16 Bits
• Pixel Conversion Rate
6MHz
• Analog Supply Voltage
5V±5%
• I/O Supply Voltage
3.3V±10% or 5V±5%
• Power Dissipation (typical)
375mW
Applications
• Color Flatbed Document Scanners
• Color Sheetfed Scanners
• Multifunction Imaging Products
• Digital Copiers
• General Purpose Linear Array Imaging


Similar Part No. - LM9823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9820 TI1-LM9820 Datasheet
290Kb / 22P
10/12-Bit Image Sensor Processor Analog Front End
logo
National Semiconductor ...
LM9820CCWM NSC-LM9820CCWM Datasheet
148Kb / 21P
LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
LM9820CCWMX NSC-LM9820CCWMX Datasheet
148Kb / 21P
LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
LM9822 NSC-LM9822 Datasheet
242Kb / 22P
LM9822 3 Channel 42-Bit Color Scanner Analog Front End
logo
Texas Instruments
LM9822CCWM TI1-LM9822CCWM Datasheet
285Kb / 25P
3 Channel 42-Bit Color Scanner Analog Front End
More results

Similar Description - LM9823

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9822 NSC-LM9822 Datasheet
242Kb / 22P
LM9822 3 Channel 42-Bit Color Scanner Analog Front End
LM9833 NSC-LM9833 Datasheet
547Kb / 42P
LM9833 48-Bit Color, 1200dpi USB Image Scanner
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
SCANNER ANALOG FRONT END
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
logo
Texas Instruments
LM9822 TI1-LM9822_14 Datasheet
285Kb / 25P
3 Channel 42-Bit Color Scanner Analog Front End
ADS1293 TI1-ADS1293 Datasheet
2Mb / 78P
Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
Channel, 16-Bit, 45 MSPS Analog Front End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
3 Channel, 16-Bit, 81 MSPS Analog Front End
LM9833 TI1-LM9833 Datasheet
690Kb / 44P
48-Bit Color, 1200dpi USB Image Scanner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com