Electronic Components Datasheet Search
  English  ▼

X  

AD9161 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9161
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9161 Datasheet HTML 28Page - Analog Devices AD9161 Datasheet HTML 29Page - Analog Devices AD9161 Datasheet HTML 30Page - Analog Devices AD9161 Datasheet HTML 31Page - Analog Devices AD9161 Datasheet HTML 32Page - Analog Devices AD9161 Datasheet HTML 33Page - Analog Devices AD9161 Datasheet HTML 34Page - Analog Devices AD9161 Datasheet HTML 35Page - Analog Devices AD9161 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 32 of 32
IOUTFS = 40 mA, fDAC = 5.0 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
400
1000
800
600
1200
1400
1600
1800
2000
fOUT (MHz)
–155
–165
–150
–160
–170
–175
TEMPERATURE = –40°C
TEMPERATURE = +25°C
TEMPERATURE = +90°C
Figure 82. Single-Tone NSD Measured at 70 MHz vs. fOUT over Temperature
400
1000
800
600
1200
1400
1600
1800
2000
fOUT (MHz)
–155
–165
–150
–160
–170
–175
TEMPERATURE = –40°C
TEMPERATURE = +25°C
TEMPERATURE = +90°C
Figure 83. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT over
Temperature
Figure 84. Single-Carrier W-CDMA at 877.5 MHz
fOUT (MHz)
400
600
1200
1400
1000
800
2000
1800
1600
–150
–155
–160
–165
–170
–175
TEMPERATURE = –40°C
TEMPERATURE = +25°C
TEMPERATURE = +90°C
Figure 85. W-CDMA NSD Measured at 70 MHz vs. fOUT over Temperature
fOUT (MHz)
400
600
1200
1400
1000
800
2000
1800
1600
–150
–155
–160
–165
–170
–175
TEMPERATURE = –40°C
TEMPERATURE = +25°C
TEMPERATURE = +90°C
Figure 86. W-CDMA NSD Measured at 10% Offset from fOUT vs. fOUT over
Temperature
Figure 87. Two-Carrier W-CDMA at 875 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com