Electronic Components Datasheet Search
  English  ▼

X  

AD9161 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9161
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9161 Datasheet HTML 45Page - Analog Devices AD9161 Datasheet HTML 46Page - Analog Devices AD9161 Datasheet HTML 47Page - Analog Devices AD9161 Datasheet HTML 48Page - Analog Devices AD9161 Datasheet HTML 49Page - Analog Devices AD9161 Datasheet HTML 50Page - Analog Devices AD9161 Datasheet HTML 51Page - Analog Devices AD9161 Datasheet HTML 52Page - Analog Devices AD9161 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 49 of 144
Register 0x280 controls the synthesizer enable and recalibration.
To enable the SERDES PLL, first set the PLL divider register (see
Table 19). Then enable the SERDES PLL by writing Register 0x280,
Bit 0 = 1. If a recalibration is needed, write Register 0x280, Bit 2 =
0b1 and then reset the bit to 0b0. The rising edge of the bit causes a
recalibration to begin.
Confirm that the SERDES PLL is working by reading
Register 0x281. If Register 0x281, Bit 0 = 1, the SERDES PLL
has locked. If Register 0x281, Bit 3 = 1, the SERDES PLL was
successfully calibrated. If Register 0x281, Bit 4 or Bit 5 is high, the
PLL reaches the lower or upper end of its calibration band and
must be recalibrated by writing 0 and then 1 to Register 0x280,
Bit 2.
Clock and Data Recovery
The deserializer is equipped with a CDR circuit. Instead of
recovering the clock from the JESD204B serial lanes, the CDR
recovers the clocks from the SERDES PLL. The 3 GHz to
6.25 GHz output from the SERDES PLL, shown in Figure 146, is
the input to the CDR.
A CDR sampling mode must be selected to generate the lane
rate clock inside the device. If the desired lane rate is greater
than 6.25 GHz, half rate CDR operation must be used. If the
desired lane rate is less than 6.25 GHz, disable half rate operation.
If the lane rate is less than 3 GHz, disable full rate and enable 2×
oversampling to recover the appropriate lane rate clock. Table 20
gives a breakdown of CDR sampling settings that must be set
depending on the LaneRate value.
Table 20. CDR Operating Modes
LaneRate
(Gbps)
SPI_ENHALFRATE
Register 0x230, Bit 5
SPI_DIVISION_RATE,
Register 0x230,
Bits[2:1]
0.750 to 1.5625
0 (full rate)
10b (divide by 4)
1.5 to 3.125
0 (full rate)
01b (divide by 2)
3 to 6.25
0 (full rate)
00b (no divide)
6 to 12.5
1 (half rate)
00b (no divide)
The CDR circuit synchronizes the phase used to sample the data on
each serial lane independently. This independent phase adjustment
per serial interface ensures accurate data sampling and eases the
implementation of multiple serial interfaces on a PCB.
After configuring the CDR circuit, reset it and then release the
reset by writing 1 and then 0 to Register 0x206, Bit 0.
Power-Down Unused PHYs
Note that any unused and enabled lanes consume extra power
unnecessarily. Each lane that is not being used (SERDINx±)
must be powered off by writing a 1 to the corresponding bit of
PHY_PD (Register 0x201).
Equalization
To compensate for signal integrity distortions for each PHY
channel due to PCB trace length and impedance, the
AD9161/AD9162 employ an easy to use, low power equalizer
on each JESD204B channel. The AD9161/AD9162 equalizers
can compensate for insertion losses far greater than required by
the JESD204B specification. The equalizers have two modes of
operation that are determined by the EQ_POWER_MODE
register setting in Register 0x268, Bits[7:6]. In low power mode
(Register 0x268, Bits[7:6] = 2b’01) and operating at the maximum
lane rate of 12.5 GBPS, the equalizer can compensate for up to
11.5 dB of insertion loss. In normal mode (Register 0x268,
Bits[7:6] = 2b’00), the equalizer can compensate for up to 17.2 dB
of insertion loss. This performance is shown in Figure 147 as an
overlay to the JESD204B specification for insertion loss. Figure 147
shows the equalization performance at 12.5 Gbps, near the maxi-
mum baud rate for the AD9161/AD9162.
÷2
÷8
PCLK
GENERATOR
÷4, ÷2,
OR ÷1
CDR OVERSAMP
REG 0x289 PLL REF CLOCK
VALID RANGE
35MHz TO 80MHz
SAMPLE CLOCK
I, Q TO CDR
VALID RANGE
3GHz TO 6.25GHz
ENABLE HALF RATE
DIVISION RATE
REG 0x230
JESD LANE CLOCK
(SAME RATE AS PCLK)
INTERPOLATION
JESD LANES
REG 0x110
PLL_REF_CLK_RATE
1×, 2×, 4×
REG 0x084
DAC CLOCK
(5GHz)
÷6 TO ÷127,
DEFAULT: 10
CP
LF
CDR
÷N
÷4
MODE
HALF RATE
FULL RATE, NO DIV
FULL RATE, DIV 2
FULL RATE, DIV 4
DIVIDE (N)
20
40
80
160
Figure 146. SERDES PLL Synthesizer Block Diagram Including VCO Divider Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com