Electronic Components Datasheet Search
  English  ▼

X  

MAX14920 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14920
Description  High-Accuracy 12-/16-Cell Measurement AFEs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14920 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14920 Datasheet HTML 1Page - Maxim Integrated Products MAX14920 Datasheet HTML 2Page - Maxim Integrated Products MAX14920 Datasheet HTML 3Page - Maxim Integrated Products MAX14920 Datasheet HTML 4Page - Maxim Integrated Products MAX14920 Datasheet HTML 5Page - Maxim Integrated Products MAX14920 Datasheet HTML 6Page - Maxim Integrated Products MAX14920 Datasheet HTML 7Page - Maxim Integrated Products MAX14920 Datasheet HTML 8Page - Maxim Integrated Products MAX14920 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MAX14920/MAX14921
High-Accuracy 12-/16-Cell Measurement AFEs
19-6496; Rev 3; 3/15
Ordering Information appears at end of data sheet.
Functional Diagram appears at end of data sheet.
EVALUATION KIT AVAILABLE
General Description
The MAX14920/MAX14921 battery measurement analog
front-end devices accurately sample cell voltages and
provide level shifting for primary/secondary battery packs
up to 16 cells/+65V (max). The MAX14920 monitors up
to 12 cells, while the MAX14921 monitors up to 16 cells.
Both devices simultaneously sample all cell voltages,
allowing accurate state-of-charge and source-resistance
determination. All cell voltages are level shifted to ground
reference with unity gain, simplifying external ADC data
conversion.
The devices have a low-noise, low-offset amplifier that
buffers differential voltages of up to +5V, allowing moni-
toring of all common lithium-ion (Li+) cell technologies.
The resulting cell voltage error is Q0.5mV.
The devices’ high accuracy make them ideal for monitoring
cell chemistries with very flat discharge curves, such as
lithium-metal phosphate.
Passive-cell balancing is supported by external FET
drivers. Integrated diagnostics in the devices allow
open-wire detection and undervoltage/overvoltage
alarms. The devices are controlled by a daisy-chainable
SPI interface.
The MAX14920 is available in a 64-pin (10mm x 10mm)
TQFP package with an exposed pad. The MAX14921 is
available in an 80-pin (12mm x 12mm) TQFP package.
Both devices are specified over the -40°C to +85°C
extended temperature range.
Applications
Industrial Battery Backup Systems
Telecom Battery Backup Systems
Energy Storage Packs
e-Transportation Energy Packs
Benefits and Features
S
High Accuracy
±0.5mV (max) Cell Voltage Error
Simultaneous Cell Voltage Sampling
Self-Calibration
S
Integrated Diagnostics
Open-Wire and Short Fault Detection
Undervoltage/Overvoltage Warning
Thermal Shutdown
S
High Flexibility
SPI Interface
12-Cell and 16-Cell Versions
+6V Minimum (3 Cells) Operation
+0.5V to +4.5V Cell Voltage Range
Integrated Cell-Balancing FET Drivers
Integrated 5V LDO
S
Low Power
1µA Shutdown Mode
1µA/10µA Cell Current Draw
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.


Similar Part No. - MAX14920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14920 MAXIM-MAX14920 Datasheet
1Mb / 29P
High-Accuracy 12-/16-Cell Measurement AFEs
Rev 0; 10/12
More results

Similar Description - MAX14920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14920 MAXIM-MAX14920 Datasheet
1Mb / 29P
High-Accuracy 12-/16-Cell Measurement AFEs
Rev 0; 10/12
logo
Analog Devices
CN-0217 AD-CN-0217 Datasheet
200Kb / 6P
High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
REV. A
AD5764BSUZ AD-AD5764BSUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy
Rev. F
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
High-accuracy measurement
logo
Analog Devices
AD5210 AD-AD5210_15 Datasheet
7Mb / 8P
12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTERS
REV. A
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
LTC2984 LINER-LTC2984_15 Datasheet
809Kb / 78P
Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
logo
TE Connectivity Ltd
MS5561C TEC-MS5561C Datasheet
492Kb / 21P
High accuracy temperature measurement
logo
Linear Technology
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Analog Devices
LTM2985 AD-LTM2985 Datasheet
3Mb / 90P
Isolated High Accuracy Digital Temperature Measurement System with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com