Electronic Components Datasheet Search
  English  ▼

X  

MAX14920 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14920
Description  High-Accuracy 12-/16-Cell Measurement AFEs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14920 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14920 Datasheet HTML 17Page - Maxim Integrated Products MAX14920 Datasheet HTML 18Page - Maxim Integrated Products MAX14920 Datasheet HTML 19Page - Maxim Integrated Products MAX14920 Datasheet HTML 20Page - Maxim Integrated Products MAX14920 Datasheet HTML 21Page - Maxim Integrated Products MAX14920 Datasheet HTML 22Page - Maxim Integrated Products MAX14920 Datasheet HTML 23Page - Maxim Integrated Products MAX14920 Datasheet HTML 24Page - Maxim Integrated Products MAX14920 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
Maxim Integrated
MAX14920/MAX14921
High-Accuracy 12-/16-Cell Measurement AFEs
SPI Monitoring Bits
The monitoring bits provide feedback of undervoltage
conditions and thermal shutdown, as well as indication
when the devices are ready for operation after power-up.
Table 4 describes the diagnostics/monitoring bits that
the devices send back to the host controller through the
SDO output.
Flexible Logic Interface
The serial/parallel logic control interface logic levels can
be defined to be in a range between +1.62V (min) and
+5.5V (max). The voltage applied to the VL pin defines
the logic levels. Choose the VL voltage to match the con-
troller and ADC’s I/O logic levels.
Table 4. SPI Monitoring Bits
*Not available on the MAX14920. Setting the bit to 0 or 1 does not affect the operating of the MAX14920.
NAME
BITS
ACCESS
DESCRIPTION
C1
0
R
1: During hold phase if cell 1 voltage is below UV_VCVTH or above VA
C2
1
R
1: During hold phase if cell 2 voltage is below UV_VCVTH or above VA
C3
2
R
1: During hold phase if cell 3 voltage is below UV_VCVTH or above VA
C4
3
R
1: During hold phase if cell 4 voltage is below UV_VCVTH or above VA
C5
4
R
1: During hold phase if cell 5 voltage is below UV_VCVTH or above VA
C6
5
R
1: During hold phase if cell 6 voltage is below UV_VCVTH or above VA
C7
6
R
1: During hold phase if cell 7 voltage is below UV_VCVTH or above VA
C8
7
R
1: During hold phase if cell 8 voltage is below UV_VCVTH or above VA
C9
8
R
1: During hold phase if cell 9 voltage is below UV_VCVTH or above VA
C10
9
R
1: During hold phase if cell 10 voltage is below UV_VCVTH or above VA
C11
10
R
1: During hold phase if cell 11 voltage is below UV_VCVTH or above VA
C12*
11
R
1: During hold phase if cell 12 voltage is below UV_VCVTH or above VA
C13*
12
R
1: During hold phase if cell 13 voltage is below UV_VCVTH or above VA
C14*
13
R
1: During hold phase if cell 14 voltage is below UV_VCVTH or above VA
C15*
14
R
1: During hold phase if cell 15 voltage is below UV_VCVTH or above VA
C16*
15
R
1: During hold phase if cell 16 voltage is below UV_VCVTH or above VA
OP0
16
R
Product identifying bits
MAX14921 (OP0 = 0, OP1 = 0)
MAX14920 (OP0 = 1, OP1 = 0)
OP1
17
R
REV0
18
R
Die version
MAX14920/MAX14921 version bits
REV1
19
R
UV_VA
20
R
1: VA is below UV_VAVTH
UV_VP
21
R
1: VP is below UV_VPVTH. If LOPW = 1, VP UVLO circuit is disabled and this bit is always set to 1
RDY
22
R
1: Device is not ready to operate (power-up phase or buffer amplifier is in self-calibration
procedure)
OT
23
R
1: Device is in thermal shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com