Electronic Components Datasheet Search
  English  ▼

X  

AD9772AAST Datasheet(PDF) 14 Page - Analog Devices

Part # AD9772AAST
Description  14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772AAST Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9772AAST Datasheet HTML 10Page - Analog Devices AD9772AAST Datasheet HTML 11Page - Analog Devices AD9772AAST Datasheet HTML 12Page - Analog Devices AD9772AAST Datasheet HTML 13Page - Analog Devices AD9772AAST Datasheet HTML 14Page - Analog Devices AD9772AAST Datasheet HTML 15Page - Analog Devices AD9772AAST Datasheet HTML 16Page - Analog Devices AD9772AAST Datasheet HTML 17Page - Analog Devices AD9772AAST Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD9772A
Rev. C | Page 14 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 3.3 V, CLKDD = 3.3 V, PLLVDD = 0 V, DVDD = 3.3 V, IOUTFS = 20 mA. PLL disabled.
fOUT (MHz)
0
–60
–100
120
20
0
–40
–80
40
60
80
100
–20
IN-BAND
OUT-OF-BAND
Figure 8. Single-Tone Spectral Characteristics @ fDATA = 65 MSPS with fOUT = fDATA/3
–12dBFS
0dBFS
–6dBFS
fOUT (MHz)
30
15
020
10
5
90
85
80
75
70
65
60
55
50
25
Figure 9. In-Band SFDR vs. fOUT @ fDATA = 65 MSPS
fOUT (MHz)
70
30
15
0
65
60
55
50
45
40
35
30
20
25
10
5
–12dBFS
0dBFS
–6dBFS
Figure 10. Out-of-Band SFDR vs. fOUT @ fDATA = 65 MSPS
fOUT (MHz)
0
–60
–100
150
0
–40
–80
50
100
–20
IN-BAND
OUT-OF-BAND
Figure 11. Single-Tone Spectral Characteristics @ fDATA = 78 MSPS with fOUT = fDATA/3
90
30
15
0
85
80
75
70
65
60
55
50
20
25
10
5
35
–6dBFS
fOUT (MHz)
–12dBFS
0dBFS
Figure 12. In-Band SFDR vs. fOUT @ fDATA = 78 MSPS
fOUT (MHz)
70
0
65
60
55
50
45
40
35
30
510
15
20
25
30
35
–12dBFS
–6dBFS
0dBFS
Figure 13. Out-of-Band SFDR vs. fOUT @ fDATA = 78 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com