Electronic Components Datasheet Search
  English  ▼

X  

AD9772AAST Datasheet(PDF) 27 Page - Analog Devices

Part # AD9772AAST
Description  14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772AAST Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9772AAST Datasheet HTML 23Page - Analog Devices AD9772AAST Datasheet HTML 24Page - Analog Devices AD9772AAST Datasheet HTML 25Page - Analog Devices AD9772AAST Datasheet HTML 26Page - Analog Devices AD9772AAST Datasheet HTML 27Page - Analog Devices AD9772AAST Datasheet HTML 28Page - Analog Devices AD9772AAST Datasheet HTML 29Page - Analog Devices AD9772AAST Datasheet HTML 30Page - Analog Devices AD9772AAST Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AD9772A
Rev. C | Page 27 of 40
of 20 mA flows through the equivalent RLOAD of 25 Ω. In this
case, RLOAD represents the equivalent load resistance seen by
IOUTA. The unused output (IOUTB) should be connected directly to
ACOM. Different values of IOUTFS and RLOAD can be selected as long
as the positive compliance range is adhered to. One additional
consideration in this mode is the integral nonlinearity (INL), as
discussed in the Analog Outputs section of this data sheet. For
optimum INL performance, the single-ended, buffered voltage
output configuration is suggested.
AD9772A
IOUTA
IOUTB
50Ω
50Ω
VOUTA = 0V TO 0.5V
IOUTFS = 20mA
Figure 50. 0 V to 0.5 V Unbuffered Voltage Output
SINGLE-ENDED, BUFFERED VOLTAGE OUTPUT
Figure 51 shows a single-ended, buffered output configuration
in which the op amp U1 performs an I-V conversion on the
AD9772A output current. U1 maintains IOUTA (or IOUTB) at virtual
ground, thus minimizing the nonlinear output impedance effect
on the INL performance of the DAC, as discussed in the Analog
Outputs section. Although this single-ended configuration
typically provides the best dc linearity performance, its ac
distortion performance at higher DAC update rates is often
limited by U1’s slewing capabilities. U1 provides a negative
unipolar output voltage, and its full-scale output voltage is
simply the product of RFB and IOUTFS. The full-scale output
should be set within U1’s voltage output swing capabilities
by scaling IOUTFS and/or RFB. An improvement in ac distortion
performance may result in a reduced IOUTFS because the signal
current that U1 will be required to sink is subsequently reduced.
AD9772A
IOUTA
IOUTB
U1
RFB
200Ω
200Ω
COPT
IOUTFS = 10mA
VOUT = –IOUTFS × RFB
Figure 51. Unipolar Buffered Voltage Output
POWER AND GROUNDING CONSIDERATIONS
The AD9772A contains the following power supply inputs:
AVDD, DVDD, CLKVDD, and PLLVDD. The AD9772A is
specified to operate over a 3.1 V to 3.5 V supply range, thus
accommodating a 3.3 V power supply with up to ±6%
regulation. However, the following two conditions must be
adhered to when selecting power supply sources for AVDD,
DVDD, CLKVDD, and PLLVDD:
•
PLLVDD = CLKVDD = 3.1 V to 3.5 V when the PLL clock
multiplier is enabled (otherwise, PLLVDD = PLLCOM)
•
DVDD = CLKVDD ± 0.30 V
To meet the first condition, PLLVDD must be driven by the
same power source as CLKVDD, with each supply input
independently decoupled using a 0.1 μF capacitor connected to
its respective ground. To meet the second condition, CLKVDD
can share the same power supply source as DVDD by using the
decoupling network shown in Figure 52 to isolate digital noise
from the sensitive CLKVDD (and PLLVDD) supply. Alternatively,
separate precision voltage regulators can be used to ensure that
the second condition is met.
In systems seeking to simultaneously achieve high speed and
high performance, the implementation and construction of the
printed circuit board design is often as important as the circuit
design. Proper RF techniques must be used in device selection,
placement and routing, and supply bypassing and grounding.
Figure 60 to Figure 67 illustrate the recommended printed
circuit board ground, power, and signal plane layouts that are
implemented on the AD9772A evaluation board.
Proper grounding and decoupling should be a primary
objective in any high speed, high resolution system. The
AD9772A features separate analog and digital supply and
ground pins to optimize the management of analog and digital
ground currents in a system. AVDD, CLKVDD, and PLLVDD
must be powered from a clean analog supply and decoupled to
their respective analog common (that is, ACOM, CLKCOM, and
PLLCOM) as close to the chip as physically possible. Similarly, the
digital supplies (DVDD) should be decoupled to DCOM.
For applications requiring a single 3.3 V supply for the analog,
digital, and phase-lock loop supplies, a clean AVDD and/or
CLKVDD can be generated using the circuit shown in Figure 52.
The circuit consists of a differential LC filter with separate power
supply and return lines. Lower noise can be attained using low ESR-
type electrolytic and tantalum capacitors.
+
–
100µF
ELECTROLYTIC
+
–
10µF TO 22µF
TANTALUM
0.1µF
CERAMIC
AVDD
ACOM
TTL/CMOS
LOGIC
CIRCUITS
3.3V
POWER
SUPPLY
FERRITE
BEADS
Figure 52. Differential LC Filter for 3.3 V
Maintaining low noise on power supplies and ground is critical
for achieving optimum results from the AD9772A. If properly
implemented, ground planes can perform a host of functions on
high speed circuit boards, such as bypassing and shielding
current transport. In mixed-signal designs, the analog and
digital portions of the board should be distinct from each other,
with the analog ground plane confined to the areas covering the
analog signal traces, and the digital ground plane confined to
areas covering the digital interconnects.
All analog ground pins of the DAC, reference, and other analog
components should be tied directly to the analog ground plane.
The two ground planes should be connected by a path ⅛ to ¼
inch wide underneath or within ½ inch of the DAC to maintain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com