Electronic Components Datasheet Search
  English  ▼

X  

TFS236 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS236
Description  Filter Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS236 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS236 Datasheet HTML 1Page - Vectron International, Inc TFS236 Datasheet HTML 2Page - Vectron International, Inc TFS236 Datasheet HTML 3Page - Vectron International, Inc TFS236 Datasheet HTML 4Page - Vectron International, Inc TFS236 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tfs236.doc
Version 1.1
11.10.2000
VI TELEFILTER
Filter Specification
TFS 236
1/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Source impedance
360 Ohm || -2.2 pF,
Load impedance:
360 Ohm || -2.2 pF,
Ext. Coil:
89 nH
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 236 is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3
dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 236,6 MHz without tolerance. The given values for
the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fc is shifted
due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
D a t a
typ. value
tolerance / limit
Insertion loss
ae = amin
2,5
dB
max 5
dB
(Reference level)
Nominal frequency
fN
-
236,000 MHz
Pass band ripple
fN - 85 kHz ... fN + 93 kHz
-
max 1,5
dB
Relative attenuation
arel
236,0 MHz ± 120
kHz
1,5
dB
max
3
dB
236,0 MHz ± 330
kHz ... 236,6 MHz ± 400
kHz
22
dB
min 18
dB
236,0 MHz ± 400
kHz ... 236,6 MHz ± 600
kHz
33
dB
min 25
dB
236,0 MHz ± 600
kHz ... 236,6 MHz ± 800
MHz
50
dB
min 40
dB
236,0 MHz ± 800
kHz ... 236,6 MHz ±
1,6 MHz
55
dB
min 45
dB
236,0 MHz ±
1,6 MHz ... 236,6 MHz ±
3,0 MHz
55
dB
min 45
dB
236,0 MHz ±
3,0 MHz ... 236,6 MHz ± 20
MHz
55
dB
min 46
dB
236,0 MHz ± 20
MHz ...236,6 MHz ± 100
MHz
55
dB
min 45
dB
Group delay distortion
GDD
236,0 MHz ± 50
kHz
0,5
µs
max 1,2
µs
236,0 MHz ± 70
kHz
0,8
µs
max 1,5
µs
236,0 MHz ± 100
kHz
1,2
µs
max 2,5
µs
Operating temperature range
- 20
°C ... + 70 °C
Storage temperature range
- 30
°C ... + 85 °C
Temperature coefficient of frequency
TCf
- 0,036 ppm/K²
-
Frequency inversion temperature
+ 25
°C
Generated:
Checked / approved:


Similar Part No. - TFS236

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS230 VECTRON-TFS230 Datasheet
46Kb / 5P
Filter specification
TFS230B VECTRON-TFS230B Datasheet
191Kb / 5P
Vectron International Filter specification
TFS230 VECTRON-TFS230_05 Datasheet
156Kb / 5P
Filter specification
TFS235A VECTRON-TFS235A Datasheet
74Kb / 5P
Filter Specification
TFS238 VECTRON-TFS238 Datasheet
128Kb / 5P
Filter Specification
More results

Similar Description - TFS236

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS836C ETC2-TFS836C Datasheet
190Kb / 5P
Filter specification
TFS1575G ETC2-TFS1575G Datasheet
166Kb / 5P
Filter specification
TFS70AV ETC2-TFS70AV Datasheet
175Kb / 5P
Filter specification
logo
Vectron International, ...
TFS37B VECTRON-TFS37B Datasheet
149Kb / 5P
Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
Filter specification
TFS70BT VECTRON-TFS70BT Datasheet
87Kb / 5P
Filter specification
TFS87F VECTRON-TFS87F Datasheet
84Kb / 5P
Filter specification
TFS92G VECTRON-TFS92G Datasheet
86Kb / 5P
Filter specification
TFS96C VECTRON-TFS96C Datasheet
111Kb / 5P
Filter specification
TFS104 VECTRON-TFS104 Datasheet
106Kb / 5P
Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com