Electronic Components Datasheet Search
  English  ▼

X  

TFS236 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS236
Description  Filter Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS236 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS236 Datasheet HTML 1Page - Vectron International, Inc TFS236 Datasheet HTML 2Page - Vectron International, Inc TFS236 Datasheet HTML 3Page - Vectron International, Inc TFS236 Datasheet HTML 4Page - Vectron International, Inc TFS236 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
tfs236.doc
Version 1.1
11.10.2000
VI TELEFILTER
Filter Specification
TFS 236
2/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Construction and pin configuration
(All dimensions in mm)
50 Ohm Test circuit 1
2
1
8
7
3,5,6,9,10,11,12
LB-IN
LB-OUT
SAW
C1
L1
C2
L4
L2
L5
L3
4
50 Ohm Test circuit 2
2
1
8
7
3,5,6,9,10,11,12
LB-IN
LB-OUT
SAW
L1
C1
L2
C4
C2
4
L3
C3
S 236
M41
Date code:
Year + week
K
1998
L
1999
M
2000
...
1
Balanced Output
2
Balanced Output
3
Ground
4
Coupling Coil
5
Ground
6
Ground
7
Balanced Input
8
Balanced Input
9
Ground
10
Ground
11
Ground
12
Ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com