Electronic Components Datasheet Search
  English  ▼

X  

AMC23C10 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C10 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC23C10 Datasheet HTML 8Page - Texas Instruments AMC23C10 Datasheet HTML 9Page - Texas Instruments AMC23C10 Datasheet HTML 10Page - Texas Instruments AMC23C10 Datasheet HTML 11Page - Texas Instruments AMC23C10 Datasheet HTML 12Page - Texas Instruments AMC23C10 Datasheet HTML 13Page - Texas Instruments AMC23C10 Datasheet HTML 14Page - Texas Instruments AMC23C10 Datasheet HTML 15Page - Texas Instruments AMC23C10 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
7.3 Feature Description
7.3.1 Analog Input
The comparator trips when the input voltage (VINP) rises above the VIT+ threshold that is defined as VINN plus
half of the hysteresis voltage (VHYS). The comparator releases when VINP drops below the VIT– threshold that
equals VINN minus half of the hysteresis voltage.
Figure 7-1 shows a timing diagram of the relationship between hysteresis and switching thresholds.
V
INP
OUT2
V
HYS / 2
V
INN
OUT1
V
HYS / 2
V
IT+
V
IT–
Figure 7-1. Switching Thresholds and Hysteresis
7.3.2 Isolation Channel Signal Transmission
The AMC23C10 uses an on-off keying (OOK) modulation scheme, as shown in Figure 7-2, to transmit the
comparator output states across the SiO2-based isolation barrier. The transmit driver (TX) shown in the
Functional Block Diagram transmits an internally-generated, high-frequency carrier across the isolation barrier to
represent a digital one and does not send a signal to represent a digital zero.
The receiver (RX) on the other side of the isolation barrier recovers and demodulates the signal and provides
the data for the logic that drives the open-drain output buffer. The AMC23C10 transmission channel is optimized
to achieve the highest level of common-mode transient immunity (CMTI) and lowest level of radiated emissions
caused by the high-frequency carrier and RX/TX buffer switching.
Data
on High-side
Signal Across Isolation Barrier
Recovered Data
on Low-side
Figure 7-2. OOK-Based Modulation Scheme
7.3.3 Digital Outputs
The AMC23C10 provides an open-drain and a push-pull output. The open-drain output is actively pulled low
when VINP is above VINN and returns to a high-impedance (Hi-Z) state when VINP is below the VINN level. The
push-pull output is actively driven high when VINP is above VINN and is actively driven low when VINP is below the
VINN level. The comparator has built-in hysteresis (VHYS) that is centered around VINN, see Figure 7-1.
The open-drain output is diode-connected to the VDD2 supply (see the Functional Block Diagram), meaning that
the output cannot be pulled more than 500 mV above the VDD2 supply before significant current begins to flow
into the OUT1 pin. In particular, the open-drain output is clamped to one diode voltage above ground if VDD2 is
at the GND2 level. This behavior is indicated by the gray shadings in Figure 7-3 through Figure 7-8.
AMC23C10
SBASAD0 – MARCH 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC23C10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com