Electronic Components Datasheet Search
  English  ▼

X  

AMC23C10 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C10 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC23C10 Datasheet HTML 9Page - Texas Instruments AMC23C10 Datasheet HTML 10Page - Texas Instruments AMC23C10 Datasheet HTML 11Page - Texas Instruments AMC23C10 Datasheet HTML 12Page - Texas Instruments AMC23C10 Datasheet HTML 13Page - Texas Instruments AMC23C10 Datasheet HTML 14Page - Texas Instruments AMC23C10 Datasheet HTML 15Page - Texas Instruments AMC23C10 Datasheet HTML 16Page - Texas Instruments AMC23C10 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
7.3.4 Power-Up and Power-Down Behavior
The open-drain output powers up in a high-impedance (Hi-Z) state when the low-side supply (VDD2) turns on.
After power-up, if the high-side is not functional yet, the output is actively pulled low. This condition happens after
the low-side start-up time plus the high-side fault detection delay time (tLS,STA + tHS,FLT), as shown in Figure 7-3.
Similarly, if the high-side supply drops below its undervoltage threshold (VDD1UV) for more than the high-side
fault detection delay time during normal operation, the open-drain output is pulled low, as shown in Figure 7-6.
This delay allows the system to shut down reliably when the high-side supply is missing.
The push-pull output (OUT2) of the AMC23C10 behaves similarly to the open-drain output (OUT1) but with
reverse polarity.
Communication starts between the high-side and low-side of the comparator is delayed by the high-side blanking
time (tHS,BLK, a time constant implemented on the high-voltage side) to avoid unintentional switching of the
comparator output during power-up.
Figure 7-3 through Figure 7-8 depict typical power-up and power-down scenarios.
In Figure 7-3, the low-side supply (VDD2) turns on but the high-side supply (VDD1) remains off. OUT1 powers
up in a Hi-Z state, and OUT2 is low. After tHS, FLT, OUT1 is driven low and OUT2 is driven high, indicating a
no-power fault on the high-side.
In Figure 7-4, the high-side supply (VDD1) turns on long after the low-side supply (VDD2) turns on. OUT1 is
initially in a low state and OUT2 is in a high state, see case (1). After the high-side supply is enabled, there is
a duration of tHS,STA + tHS, BLK before the device assumes normal operation and the outputs reflect the current
state of the comparator.
VDD1
(high-side)
tHS,FLT
VDD2
(low-side)
OUT1
(open-drain)
OUT2
(push-pull)
VDD2UV
90%
(Hi-Z)
tLS,STA
(Hi-Z)
fault
fault
OFF
Figure 7-3. VDD2 Turns On, VDD1 Stays Off
VDD1
(high-side)
VDD2
(low-side)
VDD1UV
10%
tHS,STA+ tHS,BLK
OUT1
(open-drain)
OUT2
(push-pull)
normal
operation
normal
operation
fault
fault
ON
Figure 7-4. VDD2 is On; VDD1 Turns On
(Long Delay)
In Figure 7-5, the low-side supply (VDD2) turns on, followed by the high-side supply (VDD1) with only a short
delay. OUT1 is initially in a Hi-Z state, and OUT2 is low. The high-side fault detection delay (tHS,FLT) is shorter
than the high-side blanking time (tHS,BLK), and therefore OUT1 is driven low and OUT2 is driven high after
tHS,FLT, indicating that the high-side is not operational yet. After the high-side blanking time (tHS,BLK) elapses, the
device assumes normal operation and the outputs reflect the current state of the comparator.
In Figure 7-6, the high-side supply (VDD1) turns off, followed by the low-side supply (VDD2). After the high-side
fault detection delay time (tHS,FLT), OUT1 is driven low and OUT2 is driven high. As soon as VDD2 drops below
the VDD2UV threshold, OUT1 enters a Hi-Z state and OUT2 is driven low.
www.ti.com
AMC23C10
SBASAD0 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC23C10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com