Electronic Components Datasheet Search
  English  ▼

X  

INA241A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA241A
Description  INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA241A Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA241A Datasheet HTML 7Page - Texas Instruments INA241A Datasheet HTML 8Page - Texas Instruments INA241A Datasheet HTML 9Page - Texas Instruments INA241A Datasheet HTML 10Page - Texas Instruments INA241A Datasheet HTML 11Page - Texas Instruments INA241A Datasheet HTML 12Page - Texas Instruments INA241A Datasheet HTML 13Page - Texas Instruments INA241A Datasheet HTML 14Page - Texas Instruments INA241A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
output voltage decreases below the reference voltage when the IN+ pin is negative relative to the IN– pin and
increases when the IN+ pin is positive relative to the IN– pin. This technique is the most accurate way to bias the
output to a precise voltage.
+
±
IN+
IN±
REF2
REF1
VS
GND
OUT
VS
REF5025
2.5-V
Reference
Copyright © 2016, Texas Instruments Incorporated
Figure 8-4. External Reference Output
8.4.3.2 Output Set to Midsupply Voltage
By connecting one reference pin to VS and the other to the GND pin, the output is set at half of the supply
when there is no differential input, as shown in Figure 8-5. This method creates a ratiometric offset to the supply
voltage, where the output voltage remains at VS / 2 for 0 V applied to the inputs.
+
±
IN+
IN±
REF2
REF1
VS
GND
OUT
Output
VS
Figure 8-5. Midsupply Voltage Output
8.4.3.3 Output Set to Mid-External Reference
In this case, an external reference is divided by two by connecting one REF pin to ground and the other REF pin
to the reference, as shown in Figure 8-6.
www.ti.com
INA241A, INA241B
SBOSA30 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA241A INA241B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com