Electronic Components Datasheet Search
  English  ▼

X  

INA241A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA241A
Description  INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA241A Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA241A Datasheet HTML 9Page - Texas Instruments INA241A Datasheet HTML 10Page - Texas Instruments INA241A Datasheet HTML 11Page - Texas Instruments INA241A Datasheet HTML 12Page - Texas Instruments INA241A Datasheet HTML 13Page - Texas Instruments INA241A Datasheet HTML 14Page - Texas Instruments INA241A Datasheet HTML 15Page - Texas Instruments INA241A Datasheet HTML 16Page - Texas Instruments INA241A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
8.4.4 High Signal Throughput
With a bandwidth of 1 MHz at a gain of 20 V/V and a slew rate of 5 V/µs, the INA241x is specifically designed for
detecting and protecting applications from fast inrush currents. As shown in Table 8-1, the INA241x responds in
less than 2 µs for a system measuring a 75-A threshold on a 2-mΩ shunt.
Table 8-1. Response Time
PARAMETER
EQUATION
INA241x AT VS = 5 V
G
Gain
20 V/V
IMAX
Maximum current
100 A
IThreshold
Threshold current
75 A
RSENSE
Current sense resistor value
2 mΩ
VOUT_MAX
Output voltage at maximum current
VOUT_MAX = IMAX × RSENSE × G
4 V
VOUT_THR
Output voltage at threshold current
VOUT_THR = ITHR × RSENSE × G
3 V
SR
Slew rate
5 V/µs
Output response time
Tresponse= VOUT_THR / SR
< 2 µs
www.ti.com
INA241A, INA241B
SBOSA30 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA241A INA241B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com