Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments INA159 Datasheet HTML 10Page - Texas Instruments INA159 Datasheet HTML 11Page - Texas Instruments INA159 Datasheet HTML 12Page - Texas Instruments INA159 Datasheet HTML 13Page - Texas Instruments INA159 Datasheet HTML 14Page - Texas Instruments INA159 Datasheet HTML 15Page - Texas Instruments INA159 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
INA851. The 5-kΩ and 1.25-kΩ resistors used in the output stage are ratiometrically matched to achieve stable
1-V/V and 0.2-V/V gain terms; although, the resistor values may shift up to 15%, depending on production.
Table 8-1. Commonly Used Gains and Resistor Values
DESIRED GAIN
(V/V)
RG
(Ω)
NEAREST 1% RG
(Ω)
CALCULATED GAIN
(V/V)
CONTRIBUTED GAIN ERROR
(%)
0.2
NC, short OUT+ to G02+
and OUT– to G02–
NC
0.200
N/A
0.5
4 k, short OUT+ to G02+
and OUT– to G02–
4.02 k
0.499
0.30
1
NC
NC
1.000
N/A
2
6 k
5.97 k
2.005
–0.25
5
1.5 k
1.5 k
5.000
0.00
10
666.67
665
10.023
–0.23
20
315.79
316
19.987
0.06
50
122.45
124
49.387
1.23
100
60.61
60.4
100.338
–0.34
200
30.15
30.1
200.336
–0.17
500
12.02
12.1
496.868
0.63
1000
6.01
6.04
994.377
0.56
10000
600 m
604 m
9934.775
0.65
As shown in Figure 8-2 and explained in more detail in Section 11, make sure to connect low-ESR, 0.1-µF
ceramic bypass capacitors between each supply pin and ground, and to place these capacitors as close as
possible to the device pins.
8.3.1.1 Gain Drift
The stability and temperature drift of external gain setting resistor RG also affects gain. The contribution of RG to
gain accuracy and drift is determined from Equation 1. The best gain drift of 5 ppm/
℃ (maximum) is achieved
when the INA851 uses G = 1 in the input stage, without RG connected. In this case, gain drift is limited by
the mismatch of the temperature coefficient of the integrated resistors in fully differential amplifier A3. When the
output stage is in attenuating gain mode (OUT− shorted to G02− and OUT+ shorted to G02+), both the 1.25-kΩ
and the 5-kΩ resistors contribute mismatch, as do the traces between the G02x and OUTx pins. Only the 5-kΩ
resistors contribute mismatch when the output stage is in unity gain mode (with G02− and G02+ floating).
At input stage gains greater than 1, gain drift increases as a result of the individual drift of the 3-kΩ resistors in
the feedback of A1 and A2, relative to the drift of external gain resistor RG. The low temperature coefficient of
the internal feedback resistors improves the overall temperature stability of applications using input-stage gains
greater than 1 V/V over alternate solutions. The low resistor values required for high gain make wiring resistance
an important consideration. Sockets add to the wiring resistance and contribute additional gain error (such as
a possible unstable gain error) at gains of approximately 20 or greater. To maintain stability, avoid parasitic
capacitance of more than a few picofarads at the RG connections. Careful matching of any parasitics on the RG
pins maintains optimal CMRR over frequency.
INA851
SBOS999 – MARCH 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com