Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA159 Datasheet HTML 11Page - Texas Instruments INA159 Datasheet HTML 12Page - Texas Instruments INA159 Datasheet HTML 13Page - Texas Instruments INA159 Datasheet HTML 14Page - Texas Instruments INA159 Datasheet HTML 15Page - Texas Instruments INA159 Datasheet HTML 16Page - Texas Instruments INA159 Datasheet HTML 17Page - Texas Instruments INA159 Datasheet HTML 18Page - Texas Instruments INA159 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Output Common-Mode Pin
The output voltage of the INA851 is developed with respect to the voltage on the output common-mode pin,
VOCM. The starting point for most designs is to assign an output common-mode voltage for the INA851. For
ac-coupled signal paths, this voltage is often the default midsupply voltage, so as to retain the most available
output swing around the voltage centered at VOCM. For dc-coupled signal paths, set this voltage between a
minimum of VS+ – 2.5 V and maximum of VS– + 2.5 V. For precision ADC applications, this voltage is typically the
input common mode voltage of the ADC.
The voltage at the VOCM pin is internally buffered to bias the fully differential output amplifier, eliminating the
need for an additional external VOCM buffer. While the buffer input is high-ohmic, the VOCM pin also connects
through internal 500-kΩ resistors to VCLAMP+ and VCLAMP–, which sets the output common-mode voltage to
midsupply in the event that the pin is floating.
While the VOCM buffer has high small-signal bandwidth, be aware that large-signal steps with fast edges at the
VOCM pin cause delays in the output. For best tracking between the buffer input and output signals, use rise
times of 200 ns or greater for large steps.
9.1.2 Input Common-Mode Range
The linear input voltage range of the INA851 input circuitry extends within 2.5 V (maximum) of both power
supplies, and maintains excellent common-mode rejection throughout this range. The valid input common-mode
range is a function of the input common-mode voltage, input differential voltage, gain, and output common-mode
voltage.
9.1.3 Output-Stage Gain Selection and Noise-Gain Shaping
In the default unity-gain configuration, the INA851 fully differential amplifier output stage uses 5-kΩ feedback
resistors between the OUT+ and OUT– outputs and the inverting and noninverting inputs, respectively. However,
the INA851 also features internal 1.25-kΩ feedback resistors between those inputs and the G02+ and G02–
pins. By shorting the G02+ pin to the OUT+ pin, and the G02– pin to the OUT– pin, the amplifier is placed in an
attenuating gain of 0.2 V/V.
Additionally, access directly to the inverting and noninverting inputs of the fully differential amplifier is provided
through the FDA_IN– and FDA_IN+ pins, respectively. This option allows circuit designers to add external
feedback capacitors in parallel with the internal feedback resistors to implement noise filtering or noise-gain
shaping techniques. These pins can also be used to implement customized attenuating gains for the output
stage. Do not treat these pins as outputs, nor use the pins to source or sink current.
Note
These pins are internally disconnected on preliminary samples of the INA851; these pins will be
connected to the aforementioned internal nodes in the final device release.
www.ti.com
INA851
SBOS999 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com