Electronic Components Datasheet Search
  English  ▼

X  

INA818 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA818
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA818 Datasheet(HTML) 4 Page - Texas Instruments

  INA818 Datasheet HTML 1Page - Texas Instruments INA818 Datasheet HTML 2Page - Texas Instruments INA818 Datasheet HTML 3Page - Texas Instruments INA818 Datasheet HTML 4Page - Texas Instruments INA818 Datasheet HTML 5Page - Texas Instruments INA818 Datasheet HTML 6Page - Texas Instruments INA818 Datasheet HTML 7Page - Texas Instruments INA818 Datasheet HTML 8Page - Texas Instruments INA818 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
6 Pin Configuration and Functions
1
IN–
12
G02+
2
RG
11
OUT+
3
RG
10
OUT–
4
IN+
9
G02–
Not to scale
Thermal Pad
Figure 6-1. RGT (16-Pin VQFN) Package, Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
FDA_IN–
15
Input
Connection to output driver summing node. This pin is internally non-connected on
preliminary samples, but will have full functionality in the final device release.
FDA_IN+
6
Input
Connection to output driver summing node. This pin is internally non-connected on
preliminary samples, but will have full functionality in the final device release.
G02–
9
Input
Connection to gain network
G02+
12
Input
Connection to gain network
IN–
1
Input
Negative (inverting) input
IN+
4
Input
Positive (noninverting) input
NC
8
—
No connect
OUT–
10
Output
Output
OUT+
11
Output
Output
RG
2,3
—
Gain setting pin. Place a gain resistor between pin 2 and pin 3.
VCLAMP–
5
Input
Level set for output clamp value
VCLAMP+
16
Input
Level set for output clamp value
VOCM
13
Input
Level set for output common mode value
VS–
7
Power
Negative supply
VS+
14
Power
Positive supply
Thermal Pad
Thermal pad
—
The thermal pad must be soldered to the printed-circuit board (PCB). Connect thermal pad
to a plane or large copper pour that is either floating or electrically connected to VS–, even
for applications that have low power dissipation.
INA851
SBOS999 – MARCH 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com