Electronic Components Datasheet Search
  English  ▼

X  

INA818 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA818
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA818 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA818 Datasheet HTML 14Page - Texas Instruments INA818 Datasheet HTML 15Page - Texas Instruments INA818 Datasheet HTML 16Page - Texas Instruments INA818 Datasheet HTML 17Page - Texas Instruments INA818 Datasheet HTML 18Page - Texas Instruments INA818 Datasheet HTML 19Page - Texas Instruments INA818 Datasheet HTML 20Page - Texas Instruments INA818 Datasheet HTML 21Page - Texas Instruments INA818 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
9.2 Typical Application
9.2.1 Three-Pin Programmable Logic Controller (PLC)
Figure 9-2 shows a three-pin programmable-logic controller (PLC) design for the INA851. This PLC reference
design accepts inputs of ±10 V or ±20 mA. The output is a differential voltage of ±4.95 V with a VOCM of 2.5 V (or
25 mV to 4.975 V on OUT+ and OUT−) to be measured by the ADS8920B SAR ADC.
RG
530
R3
20
R2
4.17 k
R1
100 k
INA851
±10 V
±20 mA
= ± 4.95 V
VS+
VS
VCLAMP+
15 V
15 V
IN
IN+
RG
RG
OUT+
OUT
AINP
AINM
+
VO
51 pF
51 pF
510 pF
VCLAMP
VOCM
ADS8920B
REFIN
GND
RVDD
REF5050
VOUT
VIN
GND
10 F
5 k
5 k
0.1
1 F
5.3 V
60.4
60.4
REFM
10 μF
1 k
100 nF
Figure 9-2. PLC Input (±10 V, 4 mA to 20 mA)
9.2.1.1 Design Requirements
For this application, the design requirements are as follows:
• 4-mA to 20-mA input with less than 20-Ω burden
• ±20-mA input with less than 20-Ω burden
• ±10-V input with impedance of approximately 100 kΩ
• Maximum 4-mA to 20-mA or ±20-mA burden voltage equal to ±0.4 V
• Output range within 0 V to 5 V
9.2.1.2 Detailed Design Procedure
There are two modes of operation for the circuit shown in Figure 9-2: current input and voltage input. This design
requires R1 >> R2 >> R3. Given this relationship, Equation 5 calculates the current input mode transfer function.
VOUT−I=VDIFF*G=− IIN*R3 *G
(5)
where
• VOUT-I represents the differential voltage at the INA851 outputs in current input mode.
• VDIFF represents the differential voltage at the INA851 inputs.
• G represents the gain of the instrumentation amplifier.
• IIN is the input current to the PLC.
INA851
SBOS999 – MARCH 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com